Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6G01-E/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6G01-E/ST
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01-E/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6G01-E/ST Datasheet HTML 8Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 9Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 10Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 11Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 12Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 13Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 14Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 15Page - Microchip Technology MCP6G01-E/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
MCP6G01/1R/1U/2/3/4
DS22004B-page 12
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +1.8V to +5.5V, VSS = GND, G = +1 V/V, VIN = (0.3V)/G,
RL =100 kΩ to VDD/2, CL = 60 pF, GSEL = VDD/2, and CS is tied low.
FIGURE 2-19:
Output Voltage Error vs.
Ideal Output Voltage, with VDD =1.8V.
FIGURE 2-20:
Output Voltage Headroom
vs. Output plus Ladder Current (circuit in
Figure 4-4).
FIGURE 2-21:
Output Impedance vs.
Frequency.
FIGURE 2-22:
Output Voltage Error vs.
Ideal Output Voltage, with VDD =5.5V.
FIGURE 2-23:
Output Voltage Headroom
vs. Temperature.
FIGURE 2-24:
Ladder Resistance Drift.
-3
-2
-1
0
1
2
3
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
Ideal Output Voltage; GVIN (V)
VDD = +1.8V
Representative Part
G = +1
G = +10
G = +50
1
10
100
1000
0.01
0.1
1
10
Output Current Magnitude (mA)
VDD = +5.5V
VDD – VOH
VDD = +1.8V
VOL – VSS
1.E+02
1.E+03
1.E+04
1.E+05
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
G = 50
= 10
= 1
100
1k
100k
10k
1M
100k
10k
10M
-3
-2
-1
0
1
2
3
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Ideal Output Voltage; GVIN (V)
VDD = +5.5V
Representative Part
G = +1
G = +10
G = +50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 5.5V: VDD–VOH
VOL–VSS
VDD = 1.8V: VOL–VSS
VDD–VOH
0%
2%
4%
6%
8%
10%
12%
14%
Ladder Resistance Drift (ppm/°C)
1228 Samples
TA = -40 to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com