Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6G01R-E/ST Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP6G01R-E/ST
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01R-E/ST Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP6G01R-E/ST Datasheet HTML 20Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 21Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 22Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 23Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 24Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 25Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 26Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 27Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
MCP6G01/1R/1U/2/3/4
DS22004B-page 24
© 2006 Microchip Technology Inc.
4.8.4
SHIFTED GAIN RANGE SGA
Figure 4-12 shows a circuit using a MCP6271 at a gain
of +10 in front of a MCP6G01. This shifts the overall
gain range to +10 V/V to +500 V/V (from +1 V/V to
+50 V/V).
FIGURE 4-12:
SGA with Higher Gain
Range.
It is also easy to shift the gain range to lower gains (see
Figure 4-13). The MCP6001 acts as a unity gain buffer,
and the resistive voltage divider shifts the gain range
down to +0.1 V/V to +5.0 V/V (from +1 V/V to +50 V/V).
FIGURE 4-13:
SGA with Lower Gain
Range.
4.8.5
ADC DRIVER
This family of SGAs is well suited for driving Analog-to-
Digital Converters (ADC). The gains (1, 10, and 50)
effectively increase the ADC’s input resolution by a
factor of as large as 50 (i.e., by 5.6 bits). This works
well for applications needing relative accuracy more
than absolute accuracy (e.g., power monitoring); see
Figure 4-14.
FIGURE 4-14:
SGA as an ADC Driver.
The low-pass filter in the block diagram reduces the
integrated noise at the MCP6G01’s output and serves
as an anti-aliasing filter. This filter may be designed
using Microchip’s FilterLab® software, available at
www.microchip.com.
VIN
VOUT
MCP6271
MCP6G01
1.11 k
Ω
10.0 k
Ω
VIN
MCP6001
1.11 k
Ω
10.0 k
Ω
VOUT
MCP6G01
OUT
MCP3001
10-bit
ADC
3
MCP6G01
VIN
Low-pass
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com