Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6G01R-E/ST Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6G01R-E/ST
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01R-E/ST Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6G01R-E/ST Datasheet HTML 15Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 16Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 17Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 18Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 19Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 20Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 21Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 22Page - Microchip Technology MCP6G01R-E/ST Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
© 2006 Microchip Technology Inc.
DS22004B-page 19
MCP6G01/1R/1U/2/3/4
4.0
APPLICATIONS INFORMATION
The MCP6G01/1R/1U/2/3/4 family of Selectable Gain
Amplifiers (SGA) is based on simple analog building
blocks (see Figure 4-1). Each of these blocks will be
explained in more detail in the following subsections.
FIGURE 4-1:
SGA Block Diagram.
4.1
Internal Op Amp
The internal op amp gives the right combination of
bandwidth, accuracy, and flexibility.
4.1.1
COMPENSATION CAPACITORS
The internal op amp has three compensation
capacitors (comp. caps.) connected to a switching
network. They are selected to give good small signal
bandwidth at high gains, and good slew rate (full power
bandwidth) at low gains. The change in bandwidth as
gain changes is between 250 and 900 kHz. Refer to
Table 4-1 for more information.
TABLE 4-1:
GAIN VS. INTERNAL
COMPENSATION
CAPACITOR
4.1.2
RAIL-TO-RAIL INPUTS
The input stage of the internal op amp uses two
differential input stages in parallel; one operates at low
VIN (input voltage), while the other operates at high VIN.
With this topology, the internal inputs can operate to
0.3V past either supply rail, although the output will clip
the signal before that happens.
The inputs need to be kept within a smaller range to
prevent output clipping. The input offset voltage also
reduces the range; most designs will need the following
for normal operation:
EQUATION 4-1:
The transition between the two input stage occurs
when VIN ≈ VDD – 1.1V (see Figure 2-19 and Figure 2-
22). For the best distortion and gain linearity, avoid this
region of operation.
4.1.3
PHASE REVERSAL
The
MCP6G01/1R/1U/2/3/4
amplifier
family
is
designed with CMOS input devices. It is designed to
not exhibit phase inversion when the input pins exceed
the supply voltages. Figure 2-7 shows an input voltage
exceeding both supplies with no resulting phase
inversion.
Gain
(V/V)
GSEL Voltage (Typ.)
(V)
1VDD/2 (or open)
10
0
50
VDD
Note:
VSS is assumed to be 0V
VOUT
VDD
GSEL
VIN
VSS
3
RF
RG
Gain Select
Logic
Gain
Switches
CS
(MCP6G03
only)
5M
Ω
Gain
(V/V)
Internal
Comp.
Cap.
G x BW
(MHz)
Typ.
SR
(V/µs)
Typ.
FPBW
(kHz)
Typ.
BW
(kHz)
Typ.
1
Large
0.90
0.50
29
900
10
Medium
3.5
2.3
133
350
50
Small
12.5
4.5
260
250
Note 1:
Changing the compensation capacitor does not
change the DC performance (e.g., VOS).
2:
G x BW is approximately the Gain Bandwidth
Product of the internal op amp.
3:
FPBW is the Full Power Bandwidth at
VDD = 5.5V, which is based on slew rate (SR).
4:
BW is the closed-loop, small signal –3 dB
bandwidth.
VOL
G
---------- VOS VIN
VOH
G
----------- VOS
–
<<
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com