Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL441AM Datasheet(PDF) 1 Page - Texas Instruments

Part # TL441AM
Description  LOGARITHMIC AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL441AM Datasheet(HTML) 1 Page - Texas Instruments

  TL441AM Datasheet HTML 1Page - Texas Instruments TL441AM Datasheet HTML 2Page - Texas Instruments TL441AM Datasheet HTML 3Page - Texas Instruments TL441AM Datasheet HTML 4Page - Texas Instruments TL441AM Datasheet HTML 5Page - Texas Instruments TL441AM Datasheet HTML 6Page - Texas Instruments TL441AM Datasheet HTML 7Page - Texas Instruments TL441AM Datasheet HTML 8Page - Texas Instruments TL441AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TL441AM
LOGARITHMIC AMPLIFIER
SLFS038 – JUNE 1976 – REVISED FEBRUARY 1989
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Excellent Dynamic Range
D Wide Bandwidth
D Built-In Temperature Compensation
D Log Linearity (30 dB Sections) ...1 dB Typ
D Wide Input Voltage Range
description
This monolithic amplifier circuit contains four
30-dB logarithmic stages. Gain in each stage is
such that the output of each stage is proportional
to the logarithm of the input voltage over the 30-dB
input voltage range. Each half of the circuit
contains two of these 30-dB stages summed
together
in
one
differential
output
that is
proportional to the sum of the logarithms of the
input voltages of the two stages. The four stages
may be interconnected to obtain a theoretical
input voltage range of 120-dB. In practice, this
permits the input voltage range to be typically
greater than 80-dB with log linearity of
± 0.5-dB
(see application data). Bandwidth is from dc to
40 MHz.
This circuit is useful in military weapons systems,
broadband radar, and infrared reconnaissance
systems. It serves for data compression and
analog compensation. This logarithmic amplifier
is used in log IF circuitry as well as video and log
amplifiers. The TL441AM is characterized for
operation over the full military temperature range
of – 55
°C to 125°C.
Copyright
© 1989, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CA2
VCC –
CA2′
A1
Y
Y
A2
VCC +
NC
CB2
CB2′
GND
B1
Z
Z
B2
J PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
CB2′
GND
NC
B1
Z
CA2′
A1
NC
Y
Y
FK PACKAGE
(TOP VIEW)
NC — No internal connection
–15 dB
–15 dB
Log
Log
Log
Log
Σ
Y (Z)
Y (Z)
A1
(B1)
CA2
(CB2)
CA2
′
(CB2
′)
Y
∝ log A1 + log A2; Z ∝ log B1 + log B2
where: A1, A2, B1, and B2 are in dBV, 0 dBV = 1 V.
CA2, CA2
′, CB2, and CB2′ are detector compensation inputs.
A2
(B2)
functional block diagram (one half)


Similar Part No. - TL441AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL441AM TI-TL441AM Datasheet
233Kb / 14P
LOGARITHMIC AMPLIFIER
TL441AMFK TI-TL441AMFK Datasheet
233Kb / 14P
LOGARITHMIC AMPLIFIER
TL441AMJ TI-TL441AMJ Datasheet
233Kb / 14P
LOGARITHMIC AMPLIFIER
TL441AMJ TI1-TL441AMJ Datasheet
257Kb / 15P
LOGARITHMIC AMPLIFIER
TL441AMJ TI2-TL441AMJ Datasheet
309Kb / 16P
LOGARITHMIC AMPLIFIER
REVISED FEBRUARY 1989
More results

Similar Description - TL441AM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
True logarithmic amplifier
1995 Jul 25
logo
Texas Instruments
TL441 TI-TL441 Datasheet
226Kb / 15P
LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
LOGARITHMIC AMPLIFIER
logo
Mitel Networks Corporat...
SL2524 MITEL-SL2524 Datasheet
377Kb / 17P
1.3GHz Dual Wideband Logarithmic Amplifier
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441A TI1-TL441A Datasheet
257Kb / 15P
LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
LOGARITHMIC AMPLIFIER
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
logo
Texas Instruments
TL441-EP TI1-TL441-EP_14 Datasheet
800Kb / 19P
LOGARITHMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com