Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL441AM Datasheet(PDF) 11 Page - Texas Instruments

Part # TL441AM
Description  LOGARITHMIC AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL441AM Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL441AM Datasheet HTML 7Page - Texas Instruments TL441AM Datasheet HTML 8Page - Texas Instruments TL441AM Datasheet HTML 9Page - Texas Instruments TL441AM Datasheet HTML 10Page - Texas Instruments TL441AM Datasheet HTML 11Page - Texas Instruments TL441AM Datasheet HTML 12Page - Texas Instruments TL441AM Datasheet HTML 13Page - Texas Instruments TL441AM Datasheet HTML 14Page - Texas Instruments TL441AM Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TL441AM
LOGARITHMIC AMPLIFIER
SLFS038 – JUNE 1976 – REVISED FEBRUARY 1989
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
10 – 4
10 –3
10 –2
10 –1
101
1
Input Voltage – V
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
TRANSFER CHARACTERISTICS
1 k
Ω
910
Ω
VCC + = 4 V
VCC – = – 4 V
5 k
Ω
1 k
Ω
910
Ω
100
Ω
15 k
Ω
2 k
Ω
2 k
Ω
20 k
Ω
2 k
Ω
Slope
5 k
Ω
Input
Output
Z
Z
A1
A2
Y
Y
B1
B2
TL441
5 k
Ω
Origin
100
Ω
+
–
+
–
+
–
VCC + = 4 V
VCC – = – 4 V
NOTES: A. Inputs are limited by reducing the supply voltages for the input amplifiers to
±4 V.
B. The gains of the input amplifiers are adjusted to achieve smooth transitions.
Figure 15. Logarithmic Amplifier With Input Voltage Range Greater Than 80 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com