Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8712 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDF8712
Description  8-bit digital-to-analog converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8712 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDF8712 Datasheet HTML 3Page - NXP Semiconductors TDF8712 Datasheet HTML 4Page - NXP Semiconductors TDF8712 Datasheet HTML 5Page - NXP Semiconductors TDF8712 Datasheet HTML 6Page - NXP Semiconductors TDF8712 Datasheet HTML 7Page - NXP Semiconductors TDF8712 Datasheet HTML 8Page - NXP Semiconductors TDF8712 Datasheet HTML 9Page - NXP Semiconductors TDF8712 Datasheet HTML 10Page - NXP Semiconductors TDF8712 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
June 1994
7
Philips Semiconductors
Product specification
8-bit digital-to-analog converters
TDA8712; TDF8712
CHARACTERISTICS
VCCA = V16 to V2 = 4.5 to 5.5 V (TDA8712) = 4.75 to 5.25 V (TDF8712); VCCD = V13 to V6 = 4.5 to 5.5 V (TDA8712) =
4.75 to 5.25 V (TDF8712); VCCA to VCCD = −0.5 to +0.5 V (TDA8712) = −0.25 to +0.25 V (TDF8712); REF decoupled to
AGND via a 100 nF capacitor; Tamb = −40 to +85 °C; AGND and DGND shorted together; typical readings taken at
VCCA =VCCD = 5 V and Tamb = 25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCCA
analog supply voltage
TDA8712
4.5
5.0
5.5
V
TDF8712
4.75
5.0
5.25
V
VCCD
digital supply voltage
TDA8712
4.5
5.0
5.5
V
TDF8712
4.75
5.0
5.25
V
ICCA
analog supply current
note 1
20
26
32
mA
ICCD
digital supply current
note 1
16
23
30
mA
∆VGND
ground voltage differences
between VAGND and VDGND
−0.1
−
+0.1
V
Inputs
DIGITAL INPUTS (D7 TO D0) AND CLOCK INPUT CLK
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VCCD
V
IIL
LOW level input current
VI = 0.4 V
−−0.3
−0.4
mA
IIH
HIGH level input current
VI = 2.7 V
−
0.01
20
µA
fclk(max)
maximum clock frequency
50
−−
MHz
Outputs (referenced to VCCA)
∆VOUT(p-p)
full-scale analog output voltage
differences between VOUT and
VOUT (peak-to-peak value)
ZL = 10 kΩ; note 2
−1.45
−1.60
−1.75
V
ZL = 75 Ω; note 2
−0.72
0.80
−0.88
V
Vos
analog offset output voltage
code = 0
−−3
−25
mV
TCVOUT
full-scale analog output voltage
temperature coefficient
−−
200
µV/K
TCVos
analog offset output voltage
temperature coefficient
−−
20
µV/K
B
−3 dB analog bandwidth
fclk = 50 MHz; note 3
−
150
−
MHz
Gdiff
differential gain
−
0.6
−
%
ϕdiff
differential phase
−
1
−
deg
Zo
output impedance
−
75
−Ω
Transfer function (fclk = 50 MHz)
ILE
DC integral linear error
−±0.3
±0.5
LSB
DLE
DC differential linearity error
−±0.3
±0.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com