Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8712 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDF8712
Description  8-bit digital-to-analog converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8712 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDF8712 Datasheet HTML 1Page - NXP Semiconductors TDF8712 Datasheet HTML 2Page - NXP Semiconductors TDF8712 Datasheet HTML 3Page - NXP Semiconductors TDF8712 Datasheet HTML 4Page - NXP Semiconductors TDF8712 Datasheet HTML 5Page - NXP Semiconductors TDF8712 Datasheet HTML 6Page - NXP Semiconductors TDF8712 Datasheet HTML 7Page - NXP Semiconductors TDF8712 Datasheet HTML 8Page - NXP Semiconductors TDF8712 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
June 1994
2
Philips Semiconductors
Product specification
8-bit digital-to-analog converters
TDA8712; TDF8712
FEATURES
• 8-bit resolution
• Conversion rate up to 50 MHz
• TTL input levels
• Internal reference voltage generator
• Two complementary analog voltage outputs
• No deglitching circuit required
• Internal input register
• Low power dissipation
• Internal 75 Ω output load (connected to the analog
supply)
• Very few external components required
• Temperature range
– TDA8712: 0 to 70
°C
– TDF8712:
−40 to +85 °C.
APPLICATIONS
• High-speed digital-to-analog conversion
• Digital TV including:
– field progressive scan
– line progressive scan
• Subscriber TV decoders
• Satellite TV decoders
• Digital VCRs
• Industrial and automotive.
GENERAL DESCRIPTION
The TDA8712 and TDF8712 are 8-bit digital-to-analog
converters (DACs) for video and other applications. They
convert the digital input signal into an analog voltage
output at a maximum conversion rate of 50 MHz. No
external reference voltage is required and all digital inputs
are TTL compatible.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA8712
16
DIP
plastic
SOT38-1
TDF8712
16
DIP
plastic
SOT38-1
TDA8712T
16
SO16L
plastic
SOT162-1
TDF8712T
16
SO16L
plastic
SOT162-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com