Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSM3507LSH Datasheet(PDF) 1 Page - Reed Semiconductor Corp.

Part # RSM3507LSH
Description  High Efficiency, Non-Isolated, Regulated 12V, 860W, Digital DC/DC Intermediate Bus Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.

RSM3507LSH Datasheet(HTML) 1 Page - Reed Semiconductor Corp.

  RSM3507LSH Datasheet HTML 1Page - Reed Semiconductor Corp. RSM3507LSH Datasheet HTML 2Page - Reed Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSM3507
DATASHEET
Rees Semiconductor Datasheet, All Rights Reserved
RSM3507
High Efficiency, Non-Isolated, Regulated 12V, 860W, Digital DC/DC
Intermediate Bus Converter
Features
40 to 60V Input Voltage Range
12V Regulated Output Voltage
 Up to 860W Continuous Output Power
 Up to 1300W Transient Output Power
 Up to 98.3% Efficiency
 Parallel Operation for Multi-kW Arrays
 Configuration and Monitoring via PMBus
 58.4mm x 36.8mm x 12.7mm
 Wave and Reflow Soldering (MSL3)
 UL62368-1, 2nd Pending.
Application
Artificial Intelligence System
Data Center
Computing systems
General Description
The RSM3507 is a high-efficiency, non-isolated
power module.
The module operates from a 40V to 60V DC
primary bus and a 12V regulated output voltage. It can
deliver up to 860W continuously and 1300W in transient.
The built-in digital controller can store and restore
module configurations. The fault status, input voltage,
output voltage, output current, and temperature are
monitored via the PMBus interface.
The RSM3507 is available in an LGA (58.4mm x
36.8mm x 12.7mm) package.
Typical Application Circuit
1_VIN
2_EN
3_GND
6_VOUT
7_VOUT
4_GND
5_GND
3.3V
GND
CIN
R1
R2
R3
R4
R5
8_PG 9_DGND 10_SDA 11_ALERT 12_SCL 13_ADD0 14_NC
DC Source
F1
Enable
COUT
Figure 1. Typical Application Circuit
Efficiency
Figure 2. Typical Efficiency Curve (VIN = 54V)
Recommended Part Numbers
Model Name
Input
Output
HSP
Pin Config
RSM3507LSH
40-60V
12.3V
Yes
With pin1~3, 5~6, 8~14 and remote
sense
RSM3507LDH
40-60V
12.3V
Yes
With pin1~3, 5~6, 8~14


Similar Part No. - RSM3507LSH

ManufacturerPart #DatasheetDescription
logo
Reed Semiconductor Corp...
RSM3501 REED-RSM3501 Datasheet
110Kb / 1P
High Efficiency, No-Isolated, Fixed 8:1 Ratio, 400W Digital DC/DC Power Module
RSM3502 REED-RSM3502 Datasheet
102Kb / 1P
High Efficiency, No-Isolated, Fixed 4:1 Ratio, 1000W Digital DC/DC Power Module
RSM3503 REED-RSM3503 Datasheet
242Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter
RSM3503LDH REED-RSM3503LDH Datasheet
242Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter
RSM3503LDO REED-RSM3503LDO Datasheet
242Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter
More results

Similar Description - RSM3507LSH

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EC2630QI ENPIRION-EC2630QI Datasheet
107Kb / 2P
12V DC-DC Intermediate Voltage Bus Converter, 27W and 4A
logo
Murata Power Solutions ...
DRQ-12-50-L48 MURATA-PS-DRQ-12-50-L48 Datasheet
819Kb / 26P
600W Digital Fully Regulated Intermediate DC-DC Bus Converter
DRQ-12-42-D48 MURATA-PS-DRQ-12-42-D48 Datasheet
764Kb / 24P
500W Digital Fully Regulated Intermediate DC-DC Bus Converter
logo
Vicor Corporation
DCM3623X50M04A2YZZ VICOR-DCM3623X50M04A2YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T17A6YZZ VICOR-DCM3623X50T17A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T31A6YZZ VICOR-DCM3623X50T31A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
logo
Mean Well Enterprises C...
NID35 MEANWELL-NID35 Datasheet
1Mb / 3P
35W DC-DC Non-Isolated Regulated Converter
logo
Murata Manufacturing Co...
DBE MURATA1-DBE Datasheet
1Mb / 34P
Up to 300W Digital Fully Regulated Intermediate DC-DC Bus Converter
DBQ0135V2 MURATA1-DBQ0135V2 Datasheet
4Mb / 37P
420W Digital Fully Regulated Intermediate DC-DC Bus Converter
2021
logo
Mean Well Enterprises C...
NID100-4.2 MEANWELL-NID100-4.2 Datasheet
570Kb / 3P
100W DC-DC Non-Isolated Regulated Converter
2022-11-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com