Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC76A-I/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # 93LC76A-I/MS
Description  8K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC76A-I/MS Datasheet(HTML) 1 Page - Microchip Technology

  93LC76A-I/MS Datasheet HTML 1Page - Microchip Technology 93LC76A-I/MS Datasheet HTML 2Page - Microchip Technology 93LC76A-I/MS Datasheet HTML 3Page - Microchip Technology 93LC76A-I/MS Datasheet HTML 4Page - Microchip Technology 93LC76A-I/MS Datasheet HTML 5Page - Microchip Technology 93LC76A-I/MS Datasheet HTML 6Page - Microchip Technology 93LC76A-I/MS Datasheet HTML 7Page - Microchip Technology 93LC76A-I/MS Datasheet HTML 8Page - Microchip Technology 93LC76A-I/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2006 Microchip Technology Inc.
DS21796H-page 1
93AA76A/B/C, 93LC76A/B/C,
93C76A/B/C
Device Selection Table
Features:
• Low-power CMOS technology
• ORG pin to select word size for ‘76C’ version
• 1024 x 8-bit organization ‘A’ devices (no ORG)
• 512 x 16-bit organization ‘B’ devices (no ORG)
• Program Enable pin to write-protect the entire
array (‘76C’ version only)
• Self-timed erase/write cycles (including
auto-erase)
• Automatic ERAL before WRAL
• Power-on/off data protection circuitry
• Industry standard 3-wire serial I/O
• Device Status signal (Ready/Busy)
• Sequential read function
• 1,000,000 E/W cycles
• Data retention > 200 years
• Pb-free and RoHS compliant
• Temperature ranges supported:
Pin Function Table
Description:
The Microchip Technology Inc. 93XX76A/B/C devices
are 8K bit, low-voltage, serial Electrically Erasable
PROMs (EEPROM). Word-selectable devices such as
the 93XX76C are dependent upon external logic levels
driving the ORG pin to set word size. In the SOT-23
package, the 93XX76A devices provide dedicated 8-bit
memory organization, while the 93XX76B devices
provide dedicated 16-bit memory organization. A
Program Enable (PE) pin allows the user to write-protect
the entire memory array. Advanced CMOS technology
makes these devices ideal for low-power, nonvolatile
memory applications. The 93XX Series is available in
standard packages including 8-lead PDIP and SOIC,
and advanced packaging including 8-lead MSOP, 6-lead
SOT-23, 8-lead 2x3 DFN and 8-lead TSSOP. All
packages are Pb-free and RoHS compliant.
Package Types (not to scale)
Part Number
VCC Range
ORG Pin
PE Pin
Word Size
Temp Ranges
Packages
93AA76A
1.8-5.5
No
No
8-bit
I
OT
93AA76B
1.8-5-5
No
No
16-bit
I
OT
93LC76A
2.5-5.5
No
No
8-bit
I, E
OT
93LC76B
2.5-5.5
No
No
16-bit
I, E
OT
93C76A
4.5-5.5
No
No
8-bit
I, E
OT
93C76B
4.5-5.5
No
No
16-bit
I, E
OT
93AA76C
1.8-5.5
Yes
Yes
8 or 16-bit
I
P, SN, ST, MS, MC
93LC76C
2.5-5.5
Yes
Yes
8 or 16-bit
I, E
P, SN, ST, MS, MC
93C76C
4.5-5.5
Yes
Yes
8 or 16-bit
I, E
P, SN, ST, MS, MC
- Industrial (I)
-40°C to +85°C
- Automotive (E) -40°C to +125°C
Name
Function
CS
Chip Select
CLK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
VSS
Ground
PE
Program Enable
ORG
Memory Configuration
VCC
Power Supply
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
PE
ORG
VSS
PDIP/SOIC
(P, SN)
TSSOP/MSOP
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
PE
ORG
VSS
(ST, MS)
SOT-23
DO
VSS
DI
1
2
3
6
5
4
VCC
CS
CLK
(OT)
DFN
CS
CLK
DI
DO
PE
ORG
VSS
VCC
8
7
6
5
1
2
3
4
(MC)
8K Microwire Compatible Serial EEPROM


Similar Part No. - 93LC76A-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC76A-I/MS MICROCHIP-93LC76A-I/MS Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
More results

Similar Description - 93LC76A-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA76 MICROCHIP-93AA76 Datasheet
86Kb / 12P
8K/16K 1.8V Microwire Serial EEPROM
1996
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
8K/16K 2.5V Microwire Serial EEPROM
1996
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76 Datasheet
413Kb / 10P
8K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA76A MICROCHIP-93AA76A Datasheet
394Kb / 26P
8K Microwire Compatible Serial EEPROM
2004
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76_07 Datasheet
230Kb / 13P
8K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
8K Microwire Compatible Serial EEPROM
11/29/11
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com