Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8014ART-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8014ART-R2
Description  400 MHz Low Power High Performance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8014ART-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8014ART-R2 Datasheet HTML 1Page - Analog Devices AD8014ART-R2 Datasheet HTML 2Page - Analog Devices AD8014ART-R2 Datasheet HTML 3Page - Analog Devices AD8014ART-R2 Datasheet HTML 4Page - Analog Devices AD8014ART-R2 Datasheet HTML 5Page - Analog Devices AD8014ART-R2 Datasheet HTML 6Page - Analog Devices AD8014ART-R2 Datasheet HTML 7Page - Analog Devices AD8014ART-R2 Datasheet HTML 8Page - Analog Devices AD8014ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AD8014
–5–
Typical Performance Characteristics–
FREQUENCY – MHz
12
–15
1
1000
100
10
–12
–9
–6
–3
3
6
9
0
G = +1
VO = 200mV p-p
RF = 1k
RL = 1k
VS = 5V
VS = +5V
15
Figure 1. Frequency Response, G = +1, VS = ±5 V and +5 V
VS = 5V
G = +2
RF = 500
VO = 2V p-p
FREQUENCY – MHz
12
–15
1
1000
100
10
–12
–9
–6
–3
3
6
9
0
RL = 50
RL = 75
Figure 2. Frequency Response, G = +2, VO = 2 V p-p
VS = 5V
G = +2
RF = 1k
RL = 1k
FREQUENCY – MHz
12
–12
10
1000
100
0
–9
–6
–3
3
6
9
VO = 0.5V p-p
VO = 1V p-p
VO = 4V p-p
VO = 2V p-p
Figure 3. Bandwidth vs. Output Voltage Level—
Dual Supply, G = +2
FREQUENCY – MHz
2.0
–7.0
1
1000
100
10
–6.0
–5.0
–4.0
–3.0
–1.0
0
1.0
–2.0
VS = 5V
G = –1
RF = 1k
RL = 1k
VO = 2V
VO = 4V
VO = 0.2V
VO = 0.5V
VO = 1V
Figure 4. Bandwidth vs. Output Level—Gain of –1, Dual
Supply
FREQUENCY – MHz
12
1
1000
100
10
–12
–9
–6
–3
3
6
9
0
VS = +5V
G = +2
RF = 1k
RL = 1k
VO = 1V p-p
VO = 3V p-p
VO = 2V p-p
VO = 0.5V p-p
Figure 5. Bandwidth vs. Output Level—Single Supply,
G = +2
FREQUENCY – MHz
2
1
1000
100
10
–8
–7
–5
–4
–2
0
1
–3
–6
–1
VS = +5V
G = –1
RF = 1k
RL = 1k
VO = 2V p-p
VO = 0.2V p-p
VO = 4V p-p
VO = 0.5V p-p
Figure 6. Bandwidth vs. Output Level—Single Supply,
Gain of –1
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com