Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8014ART-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8014ART-R2
Description  400 MHz Low Power High Performance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8014ART-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8014ART-R2 Datasheet HTML 3Page - Analog Devices AD8014ART-R2 Datasheet HTML 4Page - Analog Devices AD8014ART-R2 Datasheet HTML 5Page - Analog Devices AD8014ART-R2 Datasheet HTML 6Page - Analog Devices AD8014ART-R2 Datasheet HTML 7Page - Analog Devices AD8014ART-R2 Datasheet HTML 8Page - Analog Devices AD8014ART-R2 Datasheet HTML 9Page - Analog Devices AD8014ART-R2 Datasheet HTML 10Page - Analog Devices AD8014ART-R2 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AD8014
–8–
Note: On Figures 19 and 20 RF = 500
Ω, R
S = 50
Ω and C
L =
20 pF.
APPLICATIONS
CD ROM and DVD Photodiode Preamp
High speed Multi-X CD ROM and DVD drives require high
frequency photodiode preamps for their read channels. To mini-
mize the effects of the photodiode capacitance, the low imped-
ance of the inverting input of a current feedback amplifier is
advantageous. Good group delay characteristics will preserve the
pulse response of these pulses. The AD8014, having many ad-
vantages, can make an excellent low cost, low noise, low power,
and high bandwidth photodiode preamp for these applications.
Figure 21 shows the circuit that was used to imitate a photo-
diode preamp. A photodiode for this application is basically a
high impedance current source that is shunted by a small ca-
pacitance. In this case, a high voltage pulse from a Picosecond
Pulse Labs Generator that is ac-coupled through a 20 k
Ω resis-
tor is used to simulate the high impedance current source of a
photodiode. This circuit will convert the input voltage pulse into
a small charge package that is converted back to a voltage by the
AD8014 and the feedback resistor.
In this case the feedback resistor chosen was 1.74 k
Ω, which is a
compromise between maintaining bandwidth and providing
sufficient gain in the preamp stage. The circuit preserves the
pulse shape very well with very fast rise time and a minimum of
overshoot as shown in Figure 22.
AD8014
1.74k
20k
49.9
49.9
+5V
–5V
OUTPUT
(10 PROBE)
(NO LOAD)
0.1 F
INPUT
Figure 21. AD8014 as a Photodiode Preamp
INPUT
DIV
1
2
OUTPUT
500mV/DIV
CH1 20.0V
CH2 500mV M 25.0ns CH4 380mV
TEK RUN: 2.0GS/s ET AVERAGE
T[
]
Figure 22. Pulse Response
Figure 19. Large Signal Step Response; VS = ±5 V,
VO = 4 V Step
Figure 20. Large Signal Step Response; VS = +5 V,
VO = 2 V Step
Rev. C
20V/



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com