Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8014ARTZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8014ARTZ-R2
Description  400 MHz Low Power High Performance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8014ARTZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8014ARTZ-R2 Datasheet HTML 1Page - Analog Devices AD8014ARTZ-R2 Datasheet HTML 2Page - Analog Devices AD8014ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8014ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8014ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8014ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8014ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8014ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8014ARTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8014
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
© Analog Devices, Inc.,
400 MHz Low Power
High Performance Amplifier
FUNCTIONAL BLOCK DIAGRAMS
FEATURES
Low Cost
Low Power: 1.15 mA Max for 5 V Supply
High Speed
400 MHz, –3 dB Bandwidth (G = +1)
4000 V/ s Slew Rate
60 ns Overload Recovery
Fast Settling Time of 24 ns
Drive Video Signals on 50
Lines
Very Low Noise
3.5 nV/
√Hz and 5 pA/√Hz
5 nV/
√Hz Total Input Referred Noise @ G = +3 w/500
Feedback Resistor
Operates on +4.5 V to +12 V Supplies
Low Distortion –70 dB THD @ 5 MHz
Low, Temperature-Stable DC Offset
Available in SOIC-8 and SOT-23-5
APPLICATIONS
Photo-Diode Preamp
Professional and Portable Cameras
Hand Sets
DVD/CD
Handheld Instruments
A-to-D Driver
Any Power-Sensitive High Speed System
PRODUCT DESCRIPTION
The AD8014 is a revolutionary current feedback operational
amplifier that attains new levels of combined bandwidth, power,
output drive and distortion. Analog Devices, Inc. uses a propri-
etary circuit architecture to enable the highest performance
amplifier at the lowest power. Not only is it technically superior,
but is low priced, for use in consumer electronics. This general
purpose amplifier is ideal for a wide variety of applications
including battery operated equipment.
The AD8014 is a very high speed amplifier with 400 MHz,
–3 dB bandwidth, 4000 V/
µs slew rate, and 24 ns settling time.
The AD8014 is a very stable and easy to use amplifier with fast
overload recovery. The AD8014 has extremely low voltage and
current noise, as well as low distortion, making it ideal for use
in wide-band signal processing applications.
For a current feedback amplifier, the AD8014 has extremely
low offset voltage and input bias specifications as well as low
drift. The input bias current into either input is less than 15
µA
at +25
°C with a typical drift of less than 50 nA/°C over the
industrial temperature range. The offset voltage is 5 mV max
with a typical drift less than 10
µV/°C.
For a low power amplifier, the AD8014 has very good drive
capability with the ability to drive 2 V p-p video signals on
75
Ω or 50 Ω series terminated lines and still maintain more
than 135 MHz, 3 dB bandwidth.
SOIC-8 (R)
1
2
3
4
8
7
6
5
AD8014
NC
NC
–IN
–VS
NC
+IN
NC = NO CONNECT
VOUT
+VS
SOT-23-5 (RT)
1
VOUT
AD8014
–VS
+IN
2
34
5 +VS
–IN
Rev. C
781/461-3113
2010


Similar Part No. - AD8014ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8014ARTZ-R2 AD-AD8014ARTZ-R2 Datasheet
1Mb / 11P
400 MHz Low Power High Performance Amplifier
REV. C
More results

Similar Description - AD8014ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8014 AD-AD8014 Datasheet
149Kb / 10P
400 MHz Low Power High Performance Amplifier
REV.B
logo
Tyco Electronics
MAALSS0025 MACOM-MAALSS0025 Datasheet
226Kb / 4P
High Dynamic Range Low Noise Amplifier, 400 - 500 MHz
MAAL-008624 MACOM-MAAL-008624 Datasheet
151Kb / 4P
High Dynamic Range Low Noise Amplifier 400-500 MHz
logo
Analog Devices
ADL5521 AD-ADL5521_08 Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
logo
M/A-COM Technology Solu...
MAALSS0025 MA-COM-MAALSS0025 Datasheet
158Kb / 4P
High Dynamic Range Low Noise Amplifier 400 - 500 MHz
logo
Analog Devices
ADL5523 AD-ADL5523_09 Datasheet
589Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. A
AD8014ARZ AD-AD8014ARZ Datasheet
1Mb / 11P
400 MHz Low Power High Performance Amplifier
REV. C
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
AD8014 AD-AD8014_15 Datasheet
1Mb / 11P
400 MHz Low Power High Performance Amplifier
REV. C
ADL5523 AD-ADL5523_15 Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com