Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8028ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8028ARMZ
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8028ARMZ Datasheet HTML 4Page - Analog Devices AD8028ARMZ Datasheet HTML 5Page - Analog Devices AD8028ARMZ Datasheet HTML 6Page - Analog Devices AD8028ARMZ Datasheet HTML 7Page - Analog Devices AD8028ARMZ Datasheet HTML 8Page - Analog Devices AD8028ARMZ Datasheet HTML 9Page - Analog Devices AD8028ARMZ Datasheet HTML 10Page - Analog Devices AD8028ARMZ Datasheet HTML 11Page - Analog Devices AD8028ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Data Sheet
AD8027/AD8028
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. E | 8 of 27
Figure 4. 8-Lead SOIC, AD8027 Pin Configuration
Table 5. 8-Lead SOIC, AD8027 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 5
DNC
Do Not Connect. Do not connect to these pins.
2
−IN
Negative Input.
3
+IN
Positive Input.
4
−VS
Negative Supply.
6
VOUT
Output Voltage.
7
+VS
Positive Supply
8
DISABLE/SELECT
Power-Down/Select. The power-down function places the device into low power consumption mode. The select
function of this pin shifts the crossover point (where the NPN/PNP input differential pairs transition from one to the
other) closer to either the positive supply rail or the negative supply rail.
Figure 5. 6-Lead SOT-23, AD8027 Pin Configuration
Table 6. 6-Lead SOT-23, AD8027 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
Output Voltage.
2
−VS
Negative Supply.
3
+IN
Positive Input.
4
−IN
Negative Input.
5
DISABLE/SELECT
Power-Down/Select. The power-down function places the device into low power consumption mode. The select
function of this pin shifts the crossover point (where the NPN/PNP input differential pairs transition from one to the
other) closer to either the positive supply rail or the negative supply rail.
6
+VS
Positive Supply.
Figure 6. 8-Lead SOIC, AD8028 Pin Configuration
Table 7. 8-Lead SOIC, AD8028 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUTA
Output Voltage, Channel A.
2
−IN A
Negative Input, Channel A.
3
+IN A
Positive Input, Channel A.
4
−VS
Negative Supply.
5
+IN B
Positive Input, Channel B.
6
−IN B
Negative Input, Channel B.
7
VOUTB
Output Voltage, Channel B.
8
+VS
Positive Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com