Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8028ARMZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD8028ARMZ
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028ARMZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8028ARMZ Datasheet HTML 17Page - Analog Devices AD8028ARMZ Datasheet HTML 18Page - Analog Devices AD8028ARMZ Datasheet HTML 19Page - Analog Devices AD8028ARMZ Datasheet HTML 20Page - Analog Devices AD8028ARMZ Datasheet HTML 21Page - Analog Devices AD8028ARMZ Datasheet HTML 22Page - Analog Devices AD8028ARMZ Datasheet HTML 23Page - Analog Devices AD8028ARMZ Datasheet HTML 24Page - Analog Devices AD8028ARMZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
AD8027/AD8028
THEORY OF OPERATION
analog.com
Rev. E | 21 of 27
OUTPUT STAGE
The AD8027/AD8028 use a common emitter output structure to
achieve rail-to-rail output capability. The output stage is designed
to drive 50 mA of linear output current, 40 mA within 200 mV
of the rail, and 2.5 mA within 35 mV of the rail. Loading of the
output stage, including any possible feedback network, lowers the
open-loop gain of the amplifier. Refer to Figure 53 for the loading
behavior. Capacitive load can degrade the phase margin of the
amplifier. The AD8027/AD8028 can drive up to 20 pF, G = +1, as
shown in Figure 14. Include a small (25 Ω to 50 Ω) series resistor,
RSNUB, if the capacitive load is to exceed 20 pF for a gain of 1.
Increasing the closed-loop gain increases the amount of capacitive
load that can be driven before a series resistor must be included.
DC ERRORS
The AD8027/AD8028 use two complementary input stages to ach-
ieve rail-to-rail input performance, as described in the Input Stage
section. To use the dc performance over the entire common-mode
range, the input bias current and input offset voltage of each pair
must be considered.
Referring to Figure 61, the output offset voltage of each pair is
calculated by
VOS,PNP,OUT=VOS,PNP RG+RFRG
VOS,NPN,OUT=VOS,NPN RG+RFRG
(4)
where the difference of the two input stages is the discontinuity
experienced when going through the crossover region.
The size of the discontinuity is defined as
VDIS= VOS,PNP−VOS,NPN × RG+RFRG (5)
Using the crossover select feature of the AD8027/AD8028 helps to
avoid this region. In the event that the region cannot be avoided,
the quantity (VOS, PNP − VOS, NPN) is trimmed to minimize this effect.
Because the input pairs are complementary, the input bias current
reverses polarity when going through the crossover region shown in
Figure 41. The offset between pairs is described by
VOS,PNP−VOS,NPN= IB,PNP−IB,NPN ×
RS RG+RFRG −RF
(6)
where:
IB, PNP is the input bias current of either input when the PNP input
pair is active.
IB, NPN is the input bias current of either input pair when the NPN
pair is active.
If RS is sized so that it equals RF when multiplied by the gain factor,
this effect is eliminated. It is strongly recommended to balance the
impedances in this manner when traveling through the crossover
region to minimize the dc error and distortion. As an example,
assuming that the PNP input pair has an input bias current of 6 µA
and the NPN input pair has an input bias current of −2 µA, a 200 µV
shift in offset occurs when traveling through the crossover region
with RF equal to 0 Ω and RS equal to 25 Ω.
In addition to the input bias current shift between pairs, each input
pair has an input bias current offset that contributes to the total
offset in the following manner:
∆VOS=IB+RS RG+RFRG −IB−RF
(7)
Figure 61. Op Amp DC Error Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com