Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8028WARMZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8028WARMZ-R7
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028WARMZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8028WARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 22Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 23Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 24Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 25Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 26Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
Data Sheet
AD8027/AD8028
OUTLINE DIMENSIONS
©2003-2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. E | 27 of 27
Updated: January 10, 2024
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking
Code3
AD8027ARTZ-R2
-40°C to +125°C
6-Lead SOT-23
Reel, 250
RJ-6
H4B#
AD8027ARTZ-REEL7
-40°C to +125°C
6-Lead SOT-23
Reel, 3000
RJ-6
H4B#
AD8027ARZ
-40°C to +125°C
8-Lead SOIC
R-8
AD8027ARZ-REEL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
AD8027ARZ-REEL7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
AD8028ARMZ
-40°C to +125°C
10-Lead MSOP
RM-10
H5B#
AD8028ARMZ-REEL7
-40°C to +125°C
10-Lead MSOP
Reel, 1000
RM-10
H5B#
AD8028ARZ
-40°C to +125°C
8-Lead SOIC
R-8
AD8028ARZ-REEL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
AD8028ARZ-REEL7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
AD8028WARMZ-R7
-40°C to +125°C
10-Lead MSOP
Reel, 1000
RM-10
Y5R#
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
3 # denotes lead-free, may be top or bottom marked.
EVALUATION BOARDS
Model1
Description
AD8027ART-EBZ
Evaluation Board
AD8028AR-EBZ
Evaluation Board
1 Z = RoHS Compliant Part.
AUTOMOTIVE PRODUCTS
The AD8028W model is available with controlled manufacturing to support the quality and reliability requirements of automotive applications.
Note that this automotive model may have specifications that differ from the commercial models; therefore, designers should review the
Specifications section of this data sheet carefully. Only the automotive grade product shown is available for use in automotive applications.
Contact your local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive
Reliability reports for this model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com