Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8028WARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8028WARMZ-R7
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028WARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8028WARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8028WARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Data Sheet
AD8027/AD8028
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
Rev. E
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
High speed
►
190 MHz, −3 dB bandwidth (G = +1)
►
100 V/µs slew rate
►
Low distortion
►
120 dBc at 1 MHz SFDR
►
80 dBc at 5 MHz SFDR
►
Selectable input crossover threshold
►
Low noise
►
4.3 nV/√Hz
►
1.6 pA/√Hz
►
Low offset voltage: 900 µV maximum
►
Low power: 6.5 mA per amplifier supply current
►
Power-down mode
►
No phase reversal: VIN > |VS| + 200 mV
►
Wide supply range: 2.7 V to 12 V
►
Small packaging: 8-lead SOIC, 6-lead SOT-23, 10-lead MSOP
►
Qualified for automotive applications (AD8028WARMZ-R7 only)
APPLICATIONS
►
Filters
►
ADC drivers
►
Level shifting
►
Buffering
►
Professional video
►
Low voltage instrumentation
PIN CONNECTION DIAGRAM
Figure 1. 8-Lead SOIC, AD8027
See the Pin Configurations and Function Descriptions section for
additional pin configurations and information about the pin func-
tions.
GENERAL DESCRIPTION
The AD8027/AD80281 are high speed amplifiers with rail-to-rail
input and output that operate on low supply voltages and are
optimized for high performance and a wide dynamic signal range.
The AD8027/AD8028 have low noise (4.3 nV/√Hz, 1.6 pA/√Hz) and
low distortion (120 dBc at 1 MHz). In applications that use a fraction
of or use the entire input dynamic range and require low distortion,
the AD8027/AD8028 are ideal choices.
Many rail-to-rail input amplifiers have an input stage that switches
from one differential pair to another as the input signal crosses a
threshold voltage, which causes distortion. The AD8027/AD8028
have a unique feature that allows the user to select the input
crossover threshold voltage through the DISABLE/SELECT pin
(DISABLE/SELECT x in the 10-lead MSOP, hereafter referred to
as DISABLE/SELECT throughout this data sheet). This feature con-
trols the voltage at which the complementary transistor input pairs
switch. The AD8027/AD8028 also have intrinsically low crossover
distortion.
With their wide supply voltage range (2.7 V to 12 V) and wide
bandwidth (190 MHz), the AD8027/AD8028 amplifiers are designed
to work in a variety of applications where speed and performance
are needed on low supply voltages. The high performance of the
AD8027/AD8028 is achieved with a quiescent current of only 6.5
mA (typical) per amplifier. The AD8027/AD8028 have a shutdown
mode that is controlled via the DISABLE/SELECT pin.
The AD8027/AD8028 are available in 8-lead SOIC, 6-lead SOT-23,
and 10-lead MSOP packages. The AD8028WARMZ-R7 is an auto-
motive grade version, qualified for automotive applications. See the
Automotive Products section for more details. The AD8027/AD8028
family is designed to work over the extended temperature range of
−40°C to +125°C.
Figure 2. SFDR vs. Output Voltage
1 Protected by U.S. patent numbers 6,486,737B1; 6,518,842B1.


Similar Part No. - AD8028WARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
10/03-Data Sheet changed from Rev. A to Rev. B
AD8028 AD-AD8028 Datasheet
612Kb / 24P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028 Datasheet
699Kb / 25P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028 Datasheet
699Kb / 25P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028AR AD-AD8028AR Datasheet
478Kb / 24P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
10/03-Data Sheet changed from Rev. A to Rev. B
More results

Similar Description - AD8028WARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4221 TI-THS4221 Datasheet
727Kb / 30P
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
10/03-Data Sheet changed from Rev. A to Rev. B
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
logo
Texas Instruments
THS4221D TI-THS4221D Datasheet
1Mb / 40P
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221DBVT TI-THS4221DBVT Datasheet
1Mb / 40P
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8027ARTZ AD-AD8027ARTZ Datasheet
699Kb / 25P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
logo
National Semiconductor ...
THS4221 NSC-THS4221 Datasheet
1Mb / 41P
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com