Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8714M/6 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8714M/6
Description  8-bit high-speed analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8714M/6 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8714M/6 Datasheet HTML 1Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 2Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 3Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 4Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 5Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 6Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 7Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 8Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1997 Oct 29
4
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8714
PINNING
SYMBOL
PIN
DESCRIPTION
D1
1
data output; bit 1
D0
2
data output; bit 0 (LSB)
n.c.
3
not connected
VRB
4
reference voltage BOTTOM input
n.c.
5
not connected
AGND
6
analog ground
VCCA
7
analog supply voltage (+5 V)
VI
8
analog input voltage
VRT
9
reference voltage TOP input
n.c.
10
not connected
O/UF
11
overflow/underflow data output
D7
12
data output; bit 7 (MSB)
D6
13
data output; bit 6
D5
14
data output; bit 5
D4
15
data output; bit 4
CLK
16
clock input
DGND
17
digital ground
VCCD
18
digital supply voltage (+5 V)
VCCO1
19
supply voltage for output stages 1
(+5 V)
OGND
20
output ground
VCCO2
21
supply voltage for output stages 2
(+5 V)
CE
22
chip enable input (TTL level input,
active LOW)
D3
23
data output; bit 3
D2
24
data output; bit 2
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TDA8714
D2
D3
D1
D0
n.c.
O/UF
D7
VCCO1
OGND
AGND
n.c.
VRB
CLK
D4
D5
D6
DGND
CE
VCCD
VCCA
V
VRT
n.c.
MSA667
CCO2
V I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com