Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8714M/6 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8714M/6
Description  8-bit high-speed analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8714M/6 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8714M/6 Datasheet HTML 1Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 2Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 3Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 4Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 5Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 6Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 7Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 8Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1997 Oct 29
3
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8714
ORDERING INFORMATION
BLOCK DIAGRAM
TYPE
NUMBER
PACKAGE
SAMPLING
FREQUENCY (MHz)
NAME
DESCRIPTION
VERSION
TDA8714T/4
SO24
plastic small outline package; 24 leads;
body width 7.5 mm
SOT137-1
40
TDA8714T/6
SO24
SOT137-1
60
TDA8714T/7
SO24
SOT137-1
80
TDA8714M/4
SSOP24
plastic shrink small outline package; 24 leads;
body width 5.3 mm
SOT340-1
40
TDA8714M/6
SSOP24
SOT340-1
60
TDA8714M/7
SSOP24
SOT340-1
80
Fig.1 Block diagram.
handbook, full pagewidth
17
DGND
6
4
8
9
AGND
VRB
VRT
V I
18
VCCD
7
11
VCCA
23
15
14
13
24 D2
D3
D4
D5
D6
1
2
12
D1
D0
D7
OVERFLOW / UNDERFLOW
LATCH
TTL OUTPUTS
LATCHES
ANALOG -TO-DIGITAL
CONVERTER
CLOCK DRIVER
MSA669
TTL OUTPUT
16
CLK
22
CE
TDA8714
19
VCCO1
analog ground
digital ground
analog
voltage input
overflow / underflow
output
data outputs
LSB
MSB
21 VCCO2
output ground
20
OGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com