Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8714M/7 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8714M/7
Description  8-bit high-speed analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8714M/7 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8714M/7 Datasheet HTML 6Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 7Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 8Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 9Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 10Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 11Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 12Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 13Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1997 Oct 29
10
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8714
Table 1
Output coding and input voltage (typical values; referenced to AGND)
Table 2
Mode selection
STEP
VI(p-p)
O/UF
BINARY OUTPUT BITS
D7
D6
D5
D4
D3
D2
D1
D0
Underflow
<1.585
1
0
0000000
0
1.585
0
0
0000000
1
.
0
0
0000001
.
.
.
.
......
.
.
.
.
.......
254
.
0
11111110
255
3.28
0
1
1111111
Overflow
>3.28
1
1
1111111
CE
D7 to D0
O/UF
1
high impedance
high impedance
0
active; binary
active
Fig.3 Timing diagram.
handbook, full pagewidth
ds
t
sample N + 1
sample N
CLK
MSA670
sample N + 2
50 %
V
l
DATA
D0 to D7
t d
t h
CPH
t
CPL
t
VDDO
0 V
50 %
DATA
N + 1
DATA
N
DATA
N - 1
DATA
N - 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com