Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8714M/7 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8714M/7
Description  8-bit high-speed analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8714M/7 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8714M/7 Datasheet HTML 13Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 14Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 15Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 16Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 17Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 18Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 19Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 20Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
1997 Oct 29
17
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8714
PACKAGE OUTLINES
UNIT
A
max.
A1
A2
A3
bp
cD
(1)
E
(1)
(1)
eHE
LLp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.30
0.10
2.45
2.25
0.49
0.36
0.32
0.23
15.6
15.2
7.6
7.4
1.27
10.65
10.00
1.1
1.0
0.9
0.4
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.4
SOT137-1
X
12
24
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
c
L
v M A
13
(A )
3
A
y
0.25
075E05
MS-013AD
pin 1 index
0.10
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.61
0.60
0.30
0.29
0.050
1.4
0.055
0.419
0.394
0.043
0.039
0.035
0.016
0.01
0.25
0.01
0.004
0.043
0.016
0.01
e
1
0
5
10 mm
scale
SO24: plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
95-01-24
97-05-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com