Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8740 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8740
Description  Satellite sound circuit with noise reduction
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8740 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8740 Datasheet HTML 16Page - NXP Semiconductors TDA8740 Datasheet HTML 17Page - NXP Semiconductors TDA8740 Datasheet HTML 18Page - NXP Semiconductors TDA8740 Datasheet HTML 19Page - NXP Semiconductors TDA8740 Datasheet HTML 20Page - NXP Semiconductors TDA8740 Datasheet HTML 21Page - NXP Semiconductors TDA8740 Datasheet HTML 22Page - NXP Semiconductors TDA8740 Datasheet HTML 23Page - NXP Semiconductors TDA8740 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
October 1994
21
Philips Semiconductors
Product specification
Satellite sound circuit with noise reduction
TDA8740; TDA8740H
BY SOLDER PASTE REFLOW
Reflow soldering requires the solder paste (a suspension
of fine solder particles, flux and binding agent) to be
applied to the substrate by screen printing, stencilling or
pressure-syringe dispensing before device placement.
Several techniques exist for reflowing; for example,
thermal conduction by heated belt, infrared, and
vapour-phase reflow. Dwell times vary between 50 and
300 s according to method. Typical reflow temperatures
range from 215 to 250
°C.
Preheating is necessary to dry the paste and evaporate
the binding agent. Preheating duration: 45 min. at 45
°C.
REPAIRING SOLDERED JOINTS (BY HAND-HELD SOLDERING
IRON OR PULSE
-HEATED SOLDER TOOL)
Fix the component by first soldering two, diagonally
opposite, end pins. Apply the heating tool to the flat part of
the pin only. Contact time must be limited to 10 s at up to
300
°C. When using proper tools, all other pins can be
soldered in one operation within 2 to 5 s at between 270
and 320
°C. (Pulse-heated soldering is not recommended
for SO packages.)
For pulse-heated solder tool (resistance) soldering of VSO
packages, solder is applied to the substrate by dipping or
by an extra thick tin/lead plating before package
placement.
SOLDERING
Plastic dual in-line packages
BY DIP OR WAVE
The maximum permissible temperature of the solder is
260
°C; this temperature must not be in contact with the
joint for more than 5 s. The total contact time of successive
solder waves must not exceed 5 s.
The device may be mounted up to the seating plane, but
the temperature of the plastic body must not exceed the
specified storage maximum. If the printed-circuit board has
been pre-heated, forced cooling may be necessary
immediately after soldering to keep the temperature within
the permissible limit.
REPAIRING SOLDERED JOINTS
Apply the soldering iron below the seating plane (or not
more than 2 mm above it). If its temperature is below
300
°C, it must not be in contact for more than 10 s; if
between 300 and 400
°C, for not more than 5 s.
Quad flat-packs
BYWAVE
During placement and before soldering, the component
must be fixed with a droplet of adhesive. After curing the
adhesive, the component can be soldered. The adhesive
can be applied by screen printing, pin transfer or syringe
dispensing.
Maximum permissible solder temperature is 260
° C and
maximum duration of package immersion in solder bath is
10 s, if allowed to cool to less than 150
°C within 6 s.
Typical dwell time is 4 s at 250
°C.
A modified wave soldering technique is recommended
using two solder waves (dual-wave), in which, in a
turbulent wave with high-upward pressure is followed by a
smooth laminar wave. Using a mildly-activated flux
eliminates the need for removal of corrosive residues in
most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com