Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8740 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8740
Description  Satellite sound circuit with noise reduction
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8740 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8740 Datasheet HTML 1Page - NXP Semiconductors TDA8740 Datasheet HTML 2Page - NXP Semiconductors TDA8740 Datasheet HTML 3Page - NXP Semiconductors TDA8740 Datasheet HTML 4Page - NXP Semiconductors TDA8740 Datasheet HTML 5Page - NXP Semiconductors TDA8740 Datasheet HTML 6Page - NXP Semiconductors TDA8740 Datasheet HTML 7Page - NXP Semiconductors TDA8740 Datasheet HTML 8Page - NXP Semiconductors TDA8740 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
October 1994
4
Philips Semiconductors
Product specification
Satellite sound circuit with noise reduction
TDA8740; TDA8740H
PINNING
SYMBOL
PIN
SDIP42
PIN
QFP44
DESCRIPTION
n.c.
1
39
not connected
IN-1A
2
40
intercarrier input A for Channel 1 (left)
Isel 1
3
41
input select switch bit 1
IN-1B
4
42
intercarrier input B for Channel 1 (left)
Isel 2
5
43
input select switch bit 2
IN-1C
6
1
intercarrier input C for Channel 1 (left)
MCS
7
2
main channel PLL lock-in range select/disable
IN-1D
8
3
intercarrier input D for Channel 1 (left)
HFGND
9
4
ground for HF section
IN-2A
10
5
intercarrier input A for Channel 2 (right)
SCD
11
6
secondary channels PLLs disable
IN-2B
12
7
intercarrier input B for Channel 2 (right)
MUTE
13
8
mute switch
IN-2C
14
9
intercarrier input C for Channel 2 (right)
Osel L
15
10
output select switch bit 1 (left)
IN-2D
16
11
intercarrier input D for Channel 2 (right)
Osel R
17
13
output select switch bit 2 (right)
IN-3
18
14
intercarrier input for main channel
VREF
19
15
decoupling capacitor for reference voltage
CD M
20
16
de-emphasis capacitor for main channel
CC M
21
17
audio pass-through capacitor input for main channel
VP
22
18
positive supply voltage
OM
23
19
main channel output
OR
24
20
right channel output
OL
25
21
left channel output
EXT/INT
26
22
output switch bit 3 (external/internal)
EXTR
27
23
external audio input (right)
EXTL
28
24
external audio input (left)
CATT/REC R
29
25
attack/recovery capacitor (right)
RECTR
30
26
rectifier DC decoupling (right)
CNR D R
31
27
noise reduction de-emphasis capacitor (right)
CD R
32
28
fixed de-emphasis capacitor (right)
CC R
33
29
audio pass-through capacitor input for right channel
AFGND
34
30
ground for AF section
CC L
35
31
audio pass-through capacitor input for left channel
CD L
36
32
fixed de-emphasis capacitor (left)
CNR D L
37
33
noise reduction de-emphasis capacitor (left)
RECTL
38
34
rectifier DC decoupling (left)
CATT/REC L
39
35
attack/recovery capacitor (left)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com