Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP111-195E/TT Datasheet(PDF) 5 Page - Microchip Technology

Part # MP111-195E/TT
Description  Micropower Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MP111-195E/TT Datasheet(HTML) 5 Page - Microchip Technology

  MP111-195E/TT Datasheet HTML 1Page - Microchip Technology MP111-195E/TT Datasheet HTML 2Page - Microchip Technology MP111-195E/TT Datasheet HTML 3Page - Microchip Technology MP111-195E/TT Datasheet HTML 4Page - Microchip Technology MP111-195E/TT Datasheet HTML 5Page - Microchip Technology MP111-195E/TT Datasheet HTML 6Page - Microchip Technology MP111-195E/TT Datasheet HTML 7Page - Microchip Technology MP111-195E/TT Datasheet HTML 8Page - Microchip Technology MP111-195E/TT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21889D-page 5
MCP111/112
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP111;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-1:
IDD vs. Temperature
(MCP111-195).
FIGURE 2-2:
IDD vs. Temperature
(MCP112-300).
FIGURE 2-3:
IDD vs. Temperature
(MCP112-475).
FIGURE 2-4:
IDD vs. VDD (MCP111-195).
FIGURE 2-5:
IDD vs. VDD (MCP112-300).
FIGURE 2-6:
IDD vs. VDD (MCP112-475).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Temperature (°C)
1.7V
1.0V
2.1V
2.8V
4.0V
5.0V
5.5V
MCP111-195
0
0.2
0.4
0.6
0.8
1
1.2
Temperature (°C)
1.7V
1.0V
2.1V
2.8V
4.0V
5.0V
MCP112-300
5.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Temperature (°C)
1.7V
1.0V
2.1V
2.8V
4.0V
5.0V
5.5V
MCP112-475
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.02.0
3.04.0
5.06.0
VDD (V)
-40°C
+25°C
+85°C
+125°C
MCP111-195
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.0
2.0
3.0
4.0
5.0
6.0
V
DD (V)
MCP112-300
-40°C
+25°C
+85°C
+125°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.0
2.0
3.0
4.0
5.0
6.0
VDD (V)
MCP112-475
-40°C
+25°C
+85°C
+125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com