Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP111-195E/TT Datasheet(PDF) 17 Page - Microchip Technology

Part # MP111-195E/TT
Description  Micropower Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MP111-195E/TT Datasheet(HTML) 17 Page - Microchip Technology

Back Button MP111-195E/TT Datasheet HTML 13Page - Microchip Technology MP111-195E/TT Datasheet HTML 14Page - Microchip Technology MP111-195E/TT Datasheet HTML 15Page - Microchip Technology MP111-195E/TT Datasheet HTML 16Page - Microchip Technology MP111-195E/TT Datasheet HTML 17Page - Microchip Technology MP111-195E/TT Datasheet HTML 18Page - Microchip Technology MP111-195E/TT Datasheet HTML 19Page - Microchip Technology MP111-195E/TT Datasheet HTML 20Page - Microchip Technology MP111-195E/TT Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21889D-page 17
MCP111/112
3-Lead Plastic Small Outline Transistor (LB) (SC-70)
12°
8°
12°
8°
b
Mold Draft Angle Bottom
12°
8°
12°
8°
a
Mold Draft Angle Top
0.40
0.15
.016
.006
B
Lead Width
0.25
0.08
.010
.003
c
Lead Thickness
0.41
0.10
.016
.004
L
Foot Length
2.25
1.80
.089
.071
D
Overall Length
1.35
1.15
.053
.045
E1
Molded Package Width
2.40
1.80
.094
.071
E
Overall Width
.010
0.00
.0004
.000
A1
Standoff
1.00
0.80
.039
.031
A2
Molded Package Thickness
1.10
0.80
.043
.031
A
Overall Height
1.30 BSC.
p1
Outside lead pitch (basic)
0.65 BSC.
p
Pitch
3
3
Number of Pins
MAX
MIN
MAX
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
shall not exceed .005" (0.127mm) per side.
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions
Notes:
JEITA (EIAJ) Equivalent: SC70
Drawing No. C04-104
*Controlling Parameter
L
B
E1
E
p
c
p1
D
1
2
3
b
a
A
A2
A1
.026 BSC.
.051 BSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com