Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8752B
Description  Triple high-speed Analog-to-Digital Converter 110 Msps ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8752B Datasheet HTML 9Page - NXP Semiconductors TDA8752B Datasheet HTML 10Page - NXP Semiconductors TDA8752B Datasheet HTML 11Page - NXP Semiconductors TDA8752B Datasheet HTML 12Page - NXP Semiconductors TDA8752B Datasheet HTML 13Page - NXP Semiconductors TDA8752B Datasheet HTML 14Page - NXP Semiconductors TDA8752B Datasheet HTML 15Page - NXP Semiconductors TDA8752B Datasheet HTML 16Page - NXP Semiconductors TDA8752B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
2000 Jan 10
13
Philips Semiconductors
Preliminary specification
Triple high-speed Analog-to-Digital
Converter 110 Msps (ADC)
TDA8752B
The clock output is able to drive an external 10 pF load (for the on-chip ADCs).
The PLL can be used in three different methods:
1. The IC can be used as stand-alone with a sampling frequency of up to 110 MHz for the TDA8752B/8.
2. When an RGB signal is at a pixel frequency exceeding 100 to 200 MHz, it is possible to follow one of the two
possibilities given below:
a) Using one TDA8752B; the sampling rate can be reduced by a factor of two, by sampling the even pixels in the
even frame and the odd pixels in the odd frame. The INV pin is used to toggle between frames.
b) Using two TDA8752Bs the PLL of the master TDA8752B is used to drive both ADC clocks. The PLL of the slave
TDA8752B is disconnected and the CKBO of the master TDA8752B is connected to pin CKEXT of the TDA8752B
master and CKAO to the slave TDA8752B. In this case, on the CKAO pin CKBO will be the output (with bit CKAB
of the master at logic 1)
The master TDA8752B is used to sample the even pixels and the slave TDA8752B for odd pixels, using a 180
°
phase shift between the clocks (CKADCO pins). The master chip and the slave chip have their INV pin LOW,
which guarantees the 180
° shift ADC clock drive. It is then necessary to adjust phase B of the master chip.
Special care should be taken with the quality of the input signal (input setting time).
If CKREFO output signal at the master chip is needed, it is possible to use one of the two phase A values in order
to avoid set-up and hold problems in the SYNCHRO function; e.g. PHASEA = 100000 and PHASEA = 111111.
3. When INV is LOW, CKADCO is equal to CKEXT inverted.
tCKAO
tCKREFO
8 clock periods
FCE470
CKAO
CKREFO
Fig.5 Timing.
tCKAO =tCLK(buffer) +tphase selector [tCLK(buffer) = 10 ns and tphase selector =
× TCLK(pixel)].
tCKREFO = either tCKAO −
if phase A
≥ 01000 or t
CKAO +
if phase A < 01000.
t
phase selector
2
π
-------------------------------
T
CLK(pixel)
2
------------------------
T
CLK(pixel)
2
------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com