Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752B Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8752B
Description  Triple high-speed Analog-to-Digital Converter 110 Msps ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752B Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8752B Datasheet HTML 17Page - NXP Semiconductors TDA8752B Datasheet HTML 18Page - NXP Semiconductors TDA8752B Datasheet HTML 19Page - NXP Semiconductors TDA8752B Datasheet HTML 20Page - NXP Semiconductors TDA8752B Datasheet HTML 21Page - NXP Semiconductors TDA8752B Datasheet HTML 22Page - NXP Semiconductors TDA8752B Datasheet HTML 23Page - NXP Semiconductors TDA8752B Datasheet HTML 24Page - NXP Semiconductors TDA8752B Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
3-wire protocol
For the 3-wire serial bus the first byte refers to the register address which is programmed. The second byte refers to the data to be sent to the chosen
register (see Table 1). The acquisition is achieved via SEN.
Using the 3-wire interface, an indefinite number of ICs can operate on the same system. Pin SEN is used to validate the circuits.
FCE474
ts3W = 100 ns
th3W = 100 ns
tr3W = 600 ns
100 ns
11
99
XXXX
A3
A2
A1
A0
X
D7
D6
D5
D4
D3
D2
D1
D0
X
SEN
SCL
SDA
Fig.10 3-wire serial bus protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com