Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DR10G
Description  Proximity Sensors Capacitive Steel Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DR10G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DR10G Datasheet HTML 1Page - List of Unclassifed Manufacturers DR10G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (25.06.99)
1
Housing
Rated
Ordering no.
1) For non-flush mounting
diameter
operating
Namur
2) For flush mounting
dist. (Sn) 3)
3) Object: Grounded steel plate
M 14
3 mm 1)
DR 3 G
PG 21
5 mm 2)
DR 6 G
1 3/8”
10 mm 1)
DR 10 G
Housing material
Body
Chromatized steel
Front
Yellow thermoplastic
polyester
Back
Yellow thermoplastic
polyester
Cable
2 m, 2 x 0.25 mm2
black PVC
Weight
DR 3 G
60 g
DR 6 G
140 g
DR 10 G
140 g
Tightening torque
DR 3 G
17.5 Nm
DR 6 G
175.0 Nm
DR 10 G 175.0 Nm
Proximity Sensors Capacitive
Steel Housing
Types DR G, M14, PG 21, 1 3/8”,Namur
• Steel housing, cylindrical
• Diameter: M 14, PG 21
• Sensing distance: 3 to 5 mm
• Output: Namur (DIN 19 234)
• 2 m cable
Product Description
Type: Capacitive proximity
switch
Housing material
Capacitive proximity switch
in cylindrical steel housing
with front and back in yellow
thermoplastic polyester. De-
signed in accordance with
Namur DIN 19 234. Delivered
with 2 m cable.
Specifications
Rated operational volt. (Ue)
8.2 VDC
(UB)
7 to 9 VDC
(6 to 35 VDC, all specifica-
tions not observed in
extended supply range)
No-load supply current (Io)
Activated:
≤ 1 mA
Not activated:
≥ 2.2 mA
Protection
None
Frequency of operating
cycles (f)
500 Hz
Rated operating dist. (Sn)
DR 3 G
3 mm
DR 6 G
5 mm
DR 10 G
10 mm
Reference object:
Grounded steel plate.
Other objects:
Refer to "Reduction
Factors", Techn. information
Ambient temperature
Operating
-20° to +60°C (-4° to +140°F)
Storage
-20° to +60°C (-4° to +140°F)
Degree of protection
IP 67 (Nema 1, 3, 4, 6, 13)
Ordering Key
Type Selection
DR 3 G


Similar Part No. - DR10G

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
DR100 BLACKBOX-DR100 Datasheet
464Kb / 3P
DIN Rail Converter and Repeaters with Opto-Isolation
logo
Electronic devices inc.
DR1000 EDI-DR1000 Datasheet
45Kb / 2P
FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
Danisense A/S
DR10000IM DANISENSE-DR10000IM Datasheet
1Mb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 11000A
2023-03-06
DR10000UX-10V DANISENSE-DR10000UX-10V Datasheet
563Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 11kA
2022-11-24
logo
Crydom Inc.,
DR100D12 CRYDOM-DR100D12 Datasheet
1Mb / 7P
Ratings of 6 & 12 Amps
More results

Similar Description - DR10G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA12CLC08BPM1 ETC2-CA12CLC08BPM1 Datasheet
42Kb / 3P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
logo
Carlo Gavazzi Holding A...
CA30CAN25NAM1 CARLOGAVAZZI-CA30CAN25NAM1 Datasheet
698Kb / 5P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
CA18HLF08NA CARLOGAVAZZI-CA18HLF08NA Datasheet
181Kb / 2P
Proximity Sensors Capacitive Polypropylene Housing
CA18GLF08NA CARLOGAVAZZI-CA18GLF08NA Datasheet
185Kb / 2P
Proximity Sensors Capacitive PVC Housing
CA18FLF08PA CARLOGAVAZZI-CA18FLF08PA Datasheet
182Kb / 2P
Proximity Sensors Capacitive Teflon Housing
CA18CAN12NAM1 CARLOGAVAZZI-CA18CAN12NAM1 Datasheet
684Kb / 5P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
CA12CLC08BPM1RT CARLOGAVAZZI-CA12CLC08BPM1RT Datasheet
786Kb / 4P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
CD46CNC10NP CARLOGAVAZZI-CD46CNC10NP Datasheet
212Kb / 3P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
EC3025TBASL-6 CARLOGAVAZZI-EC3025TBASL-6 Datasheet
325Kb / 3P
Proximity Sensors Capacitive Stainless Steel Housing
EC3025PPASL-1 CARLOGAVAZZI-EC3025PPASL-1 Datasheet
365Kb / 3P
Proximity Sensors Capacitive Stainless Steel Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com