Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8760K Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8760K
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8760K Datasheet HTML 9Page - NXP Semiconductors TDA8760K Datasheet HTML 10Page - NXP Semiconductors TDA8760K Datasheet HTML 11Page - NXP Semiconductors TDA8760K Datasheet HTML 12Page - NXP Semiconductors TDA8760K Datasheet HTML 13Page - NXP Semiconductors TDA8760K Datasheet HTML 14Page - NXP Semiconductors TDA8760K Datasheet HTML 15Page - NXP Semiconductors TDA8760K Datasheet HTML 16Page - NXP Semiconductors TDA8760K Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1996 Sep 12
13
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
Notes
1. The circuit has two clock inputs: CLK and CLK. There are three modes of operation:
a) TTL mode 1:
CLK input is at TTL level with a threshold voltage of 1.5 V and sampling is taken on the falling edge of the clock
input signal. CLK decoupled to DGND via a 100 nF capacitor.
b) TTL mode 2:
CLK input is at TTL level with threshold voltage of 1.5 V and sampling is taken on the rising edge of the clock
input signal. CLK decoupled to DGND via a 100 nF capacitor.
c) TTL mode 3:
CLK and CLK inputs are at differential TTL levels.
d) AC driving modes:
When driving the CLK input directly and with any AC signal of minimum 0.5 V (p-p) and with a DC level of 1.5 V,
the sampling takes place at the falling edge of the clock signal.
When driving the CLK input with the same signal, sampling takes place at the rising edge of the clock signal.It is
recommended to decouple the CLK or CLK input to DGND via a 100 nF capacitor.
2. THD (total harmonic distortion) is obtained with the addition of the first five harmonics:
a)
b) F being the fundamental harmonic referenced at 0 dB for a full-scale sine wave input.
3. AC linearity: full-scale differential sine wave (fi = 4.43 MHz; fclk = 40 MHz).
4. Effective bits with differential input and single input are respectively executed with full scale differential input and
full-scale single sine wave.
5. Effective bits are obtained via a Fast Fourier Transformer (FFT) treatment taking 8K acquisition points per period.
The calculation takes into account all harmonics and noise up to half of the clock frequency (NYQUIST frequency).
Conversion to SNR: SNR = EB
× 6.02 + 1.76 dB.
6. Output data acquisition: the output data is available after the maximum delay of td.
7. tCPH of 9 ns (minimum) can be applied at the penalty of 0.5 effective bit drop compared to typical values.
8. Intermodulation measured relative to either tone with analog input frequencies of 4.43 MHz and 4.53 MHz. The two
input signals have the same amplitude and the total amplitude of both signals provides full-scale to the converter.
9. The
−3 dB (or −1 dB) analog bandwidth is determined by the 3 dB (or 1 dB) reduction in the reconstructed output,
the input being a full-scale sine wave.
THD
20 log
F
(2nd)
2
(3rd)
2
(4th)
2
(5th)
2
(6th)
2
+
+++
---------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com