Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8760K Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8760K
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8760K Datasheet HTML 17Page - NXP Semiconductors TDA8760K Datasheet HTML 18Page - NXP Semiconductors TDA8760K Datasheet HTML 19Page - NXP Semiconductors TDA8760K Datasheet HTML 20Page - NXP Semiconductors TDA8760K Datasheet HTML 21Page - NXP Semiconductors TDA8760K Datasheet HTML 22Page - NXP Semiconductors TDA8760K Datasheet HTML 23Page - NXP Semiconductors TDA8760K Datasheet HTML 24Page - NXP Semiconductors TDA8760K Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1996 Sep 12
21
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
handbook, full pagewidth
MGA981
7
8
9
10
11
12
13
14
15
16
17
18 19 20 21 22 23 24 25 26 27 28
TDA8760
6
5432
1
44 43 42 41 40
39
38
37
36
35
34
32
31
30
29
33
D2
D3
D4
D5
D6
D7
D8
D9 (MSB)
D1
D0 (LSB)
100 nF
5 V
100 nF
output format select
chip select input
5 V
100 nF
5 V
100 nF
100 nF
100 nF
CLK
(1)
100 nF
100 nF
5 V
5 V
100 nF
IN
IN
µ
4.7 F
R4
(2)
R3
(2)
100
nF
(3)
100
nF
(3)
R2
(2)
R1
(2)
3 V 4.5 V
single
analog
input
IN
µ
4.7 F
Fig.13 Application diagram for single input mode.
The analog, digital and output supplies should be separated and decoupled.
(1) Differential clock signals can be applied if required.
(2) R1 = R3; R2 = R4. R1, R2, R3 and R4 must be determined in order to obtain a middle voltage of 3.7 V; see Table 2.
(3) VrefH and VrefL must be decoupled to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com