Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8762AM/6 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8762AM/6
Description  10-bit high-speed low-power analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8762AM/6 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8762AM/6 Datasheet HTML 3Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 4Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 5Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 6Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 7Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 8Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 9Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 10Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1996 Mar 21
7
Philips Semiconductors
Product specification
10-bit high-speed low-power
analog-to-digital converter
TDA8762A
Reference voltages for the resistor ladder; see Table 1
VRB
reference voltage BOTTOM
1.2
1.3
−
V
VRT
reference voltage TOP
−
3.8
VCCA − 0.8 V V
Vdiff
differential reference voltage
VRT − VRB
1.8
2.5
3.0
V
Iref
reference current
−
28
−
mA
RLAD
resistor ladder
−
90
−Ω
TCRLAD
temperature coefficient of the
resistor ladder
−
1860
−
ppm
167
m
Ω/K
VosB
offset voltage BOTTOM
note 2
−
220
−
mV
VosT
offset voltage TOP
note 2
−
220
−
mV
VI(p-p)
analog input voltage
(peak-to-peak value)
note 3
1.5
2.06
2.5
V
Outputs
DIGITAL OUTPUTS D9 TO D0 AND IR (REFERENCED TO OGND)
VOL
LOW level output voltage
IO = 1 mA
0
−
0.4
V
VOH
HIGH level output voltage
IO = 0 mA
2.7
−
VCCO − 0.5
V
IO = −0.4 mA
2.7
−
VCCO − 1.3
V
IO = −1 mA
2.4
−
VCCO − 1.4
V
IOZ
output current in 3-state mode
0.4 V < VO <VCCO
−20
−
+20
µA
Switching characteristics
CLOCK INPUT CLK; see Fig.4; note 1
fclk(max)
maximum clock frequency
TDA8762A/6
60
−−
MHz
TDA8762A/8
80
−−
MHz
tCPH
clock pulse width HIGH
5
−−
ns
tCPL
clock pulse width LOW
5
−−
ns
Analog signal processing
LINEARITY
INL
integral non-linearity
fclk = 80 MHz; ramp input
−±0.75
±1.5
LSB
DNL
differential non-linearity
fclk = 80 MHz; ramp input
−±0.3
±0.7
LSB
OFER
offset error
middle code; VRB = 1.3 V;
VRT = 3.8 V
−±1
−
LSB
GER
gain error (from device to device)
VRB = 1.3 V; VRT = 3.8 V;
note 4
−±0.1
−
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com