Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8762AM/6 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8762AM/6
Description  10-bit high-speed low-power analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8762AM/6 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8762AM/6 Datasheet HTML 10Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 11Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 12Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 13Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 14Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 15Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 16Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 17Page - NXP Semiconductors TDA8762AM/6 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1996 Mar 21
14
Philips Semiconductors
Product specification
10-bit high-speed low-power
analog-to-digital converter
TDA8762A
Fig.8 Fast Fourier Transform (fclk = 80 MHz; fi = 10 MHz).
Effective bits: 9.12; THD =
−65.45 dB;
Harmonic levels (dB): 2nd =
−79.52; 3rd = −66.03; 4th = −81.60; 5th = −77.47; 6th = −104.43.
15.0
0
0
5.01
10.0
35.1
40.1
20.1
25.1
30.1
MBE568
−20
−40
−60
−80
−120
−100
A
(dB)
f (MHz)
Fig.9 Fast Fourier Transform (fclk = 80 MHz; fi = 20 MHz).
Effective bits: 8.08; THD =
−52.60 dB;
Harmonic levels (dB): 2nd =
−58.35; 3rd = −54.22; 4th = −76.61; 5th = −66.90; 6th = −76.80.
15.1
0
0
5.02
10.0
35.2
40.2
20.1
25.1
30.1
MBE569
−20
−40
−60
−80
−120
−100
A
(dB)
f (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com