Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8763AM/5 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8763AM/5
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8763AM/5 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8763AM/5 Datasheet HTML 10Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 11Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 12Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 13Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 14Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 15Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 16Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 17Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1999 Jan 06
14
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8763A
Fig.7 Typical Fast Fourier Transform (fclk = 40 MHz; fi = 4.43 MHz).
Effective bits: 9.42; THD =
−71.8 dB.
Harmonic levels (dB): 2nd =
−83.19; 3rd = −78.09; 4th = −78.72; 5th = −78.33; 6th = −77.55.
handbook, full pagewidth
0
−120
−140
0
2.50
5.00
MGD862
−40
−80
12.5
7.50
10.0
15.0
17.5
20.0
f (MHz)
−100
−20
−60
amplitude
(dB)
Fig.8 Typical Fast Fourier Transform (fclk = 50 MHz; fi = 10 MHz).
Effective bits: 8.91; THD =
−62.96 dB.
Harmonic levels (dB): 2nd =
−71.38; 3rd = −71.54; 4th = −74.14; 5th = −65.15; 6th = −77.16.
handbook, full pagewidth
0
−120
−140
0
2.50
5.00
MGD863
−40
−80
12.5
7.50
10.0
15.0
17.5
25.0
20.0
22.5
f (MHz)
−100
−20
−60
amplitude
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com