Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8763AM/5 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8763AM/5
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8763AM/5 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8763AM/5 Datasheet HTML 13Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 14Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 15Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 16Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 17Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 18Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 19Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 20Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
1999 Jan 06
17
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8763A
APPLICATION INFORMATION
Fig.14 Application diagram.
The analog and digital supplies should be separated and well decoupled.
An application note is available and describes the design and the realization of a demonstration board that uses the version TDA8768AM with an
application environment.
(1) VRB, VRM and VRT are decoupled to AGND.
(2) Pin 15 may be connected to DGND in order to prevent noise influence.
(3) Decoupling capacitor for supplies; must be placed close to the device.
handbook, full pagewidth
28
27
26
25
24
23
22
21
20
19
18
17
TDA8763A
DGND1
VCCO
D3
D4
D5
D6
D7
D8
D9
D2
D1
D0
VCCD2
VCCA
1
2
3
4
5
6
7
8
9
10
11
12
CLK
AGND
n.c.
n.c.
VRB
VRM
VRT
MBG918
16
15
13
14
100 nF
100 nF
DGND2
OGND
IR
OE
TC
VCCD1
AGND
AGND
100 nF
AGND
V I
(1)
(1)
(1)
(2)
100 nF
(3)
100 nF
(3)
100 nF
(3)
100 nF
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com