Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8131 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8131
Description  Low Cost, High Speed Differential Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8131 Datasheet HTML 12Page - Analog Devices AD8131 Datasheet HTML 13Page - Analog Devices AD8131 Datasheet HTML 14Page - Analog Devices AD8131 Datasheet HTML 15Page - Analog Devices AD8131 Datasheet HTML 16Page - Analog Devices AD8131 Datasheet HTML 17Page - Analog Devices AD8131 Datasheet HTML 18Page - Analog Devices AD8131 Datasheet HTML 19Page - Analog Devices AD8131 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8131
Rev. B | Page 16 of 20
THEORY OF OPERATION
The AD8131 differs from conventional op amps in that it has
two outputs whose voltages move in opposite directions. Like
an op amp, it relies on high open-loop gain and negative
feedback to force these outputs to the desired voltages. The
AD8131 behaves much like a standard voltage feedback op amp
and makes it easy to perform single-ended-to-differential
conversion, common-mode level-shifting, and amplification of
differential signals.
Previous discrete and integrated differential driver designs used
two independent amplifiers and two independent feedback
loops, one to control each of the outputs. When these circuits
are driven from a single-ended source, the resulting outputs are
typically not well balanced. Achieving a balanced output
typically required exceptional matching of the amplifiers and
feedback networks.
DC common-mode level shifting has also been difficult with
previous differential drivers. Level shifting required the use of a
third amplifier and feedback loop to control the output
common-mode level. Sometimes the third amplifier has also
been used to attempt to correct an inherently unbalanced
circuit. Excellent performance over a wide frequency range has
proven difficult with this approach.
The AD8131 uses two feedback loops to separately control the
differential and common-mode output voltages. The differential
feedback, set by internal resistors, controls only the differential
output voltage. The common-mode feedback controls only the
common-mode output voltage. This architecture makes it easy
to arbitrarily set the common-mode output level. It is forced, by
internal common-mode feedback, to be equal to the voltage
applied to the VOCM input, without affecting the differential
output voltage.
The AD8131 architecture results in outputs that are very highly
balanced over a wide frequency range without requiring
external components or adjustments. The common-mode
feedback loop forces the signal component of the output
common-mode voltage to be zeroed. The result is nearly
perfectly balanced differential outputs, of identical amplitude
and exactly 180 degrees apart in phase.
ANALYZING AN APPLICATION CIRCUIT
The AD8131 uses high open-loop gain and negative feedback to
force its differential and common-mode output voltages in such
a way as to minimize the differential and common-mode error
voltages. The differential error voltage is defined as the voltage
between the differential inputs labeled +IN and −IN in
Figure 39. For most purposes, this voltage can be assumed to be
zero. Similarly, the difference between the actual output
common-mode voltage and the voltage applied to VOCM can also
be assumed to be zero. Starting from these two assumptions,
any application circuit can be analyzed.
CLOSED-LOOP GAIN
The differential mode gain of the circuit in Figure 39 can be
described by the following equation:
2
=
=
G
F
dm
IN,
dm
OUT,
R
R
V
V
where RF = 1.5 kΩ and RG = 750 Ω nominally.
ESTIMATING THE OUTPUT NOISE VOLTAGE
Similar to the case of a conventional op amp, the differential
output errors (noise and offset voltages) can be estimated by
multiplying the input referred terms, at +IN and −IN, by the
circuit noise gain. The noise gain is defined as
3
1
=
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
=
G
F
N
R
R
G
The total output referred noise for the AD8131, including the
contributions of RF, RG, and op amp, is nominally 25 nV/√Hz
at 20 MHz.
CALCULATING THE INPUT IMPEDANCE OF AN
APPLICATION CIRCUIT
The effective input impedance of a circuit such as that in
Figure 39, at +DIN and −DIN, will depend on whether the
amplifier is being driven by a single-ended or differential signal
source. For balanced differential input signals, the input
impedance (RIN, dm) between the inputs (+DIN and −DIN) is
Ω
=
×
=
k
5
.
1
2
,
G
dm
IN
R
R
In the case of a single-ended input signal (for example if −DIN is
grounded and the input signal is applied to +DIN), the input
impedance becomes
()
Ω
=
⎟⎟
⎟
⎟
⎟
⎠
⎞
⎜⎜
⎜
⎜
⎜
⎝
⎛
+
×
−
=
k
125
.
1
2
1
,
F
G
F
G
dm
IN
R
R
R
R
R
The input impedance is effectively higher than it would be for a
conventional op amp connected as an inverter because a
fraction of the differential output voltage appears at the inputs
as a common-mode signal, partially bootstrapping the voltage
across the input resistor RG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com