Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS22N50FC Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS22N50FC
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS22N50FC Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS22N50FC Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS22N50FC Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS22N50FC Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS22N50FC Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS22N50FC Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS22N50FC Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS22N50FC Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS22N50FC Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
JCS22N50FC
R
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
On-Region Characteristics
Transfer Characteristics
102
101
100
102
101
100
Top
15.0V
10.0V
9.0V
8.0V
7.0V
6.5V
6.0V
Bottom 5.5V
125℃
-55℃
Note:
1.VDS=40V
2.250μs Pulse Test
25℃
100
101
VDS Drain-Source Voltage[V]
2
4
6
8
10
12
VGS Gate-Source Voltage[V]
On-Resistance Variation vs
Drain Current and Gate Voltage
Body Diode Forward Voltage Variation
vs. Source Current and Temperature
0.5
0.4
0.3
0.2
0.1
0.0
10
1
VGS=10V
150℃
25℃
Note:
1.VGS=0V
2.250μs Pulse Test
V
GS
=20V
Note :T j=25℃
10
0
0
2
4
6
8
10
12
14
16
18
20
22
24
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
ID [A]
VSDSource-Drain voltage[V]
Capacitance Characteristics
Gate Charge Characteristics
12
VDS=400V
10
VDS=250V
VDS=100V
8
6
4
2
0
0
5
10
15
20
25
30
35
40
45
50
55
Q Toltal Gate Charge [nC]
g
版本:201903A
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com