Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS22N50FC Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS22N50FC
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS22N50FC Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS22N50FC Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS22N50FC Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS22N50FC Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS22N50FC Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS22N50FC Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS22N50FC Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS22N50FC Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS22N50FC Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
JCS22N50FC
R
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
Breakdown Voltage Variation
vs. Temperature
On-Resistance Variation
vs. Temperature
1.2
1.1
1.0
0.9
0.8
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Notes:
1. VGS=0V
2. ID=250 A
Notes:
1. VGS=10V
2. ID=11.0A
-50
0
50
100
150
-100
-75
-50
-25
0
25
50
75
100
125
150
Tj [℃]
Tj [ ℃]
Maximum Safe Operating Area
Maximum Drain Current vs. Case
Temperature
25
20
15
10
5
0
25
50
75
100
125
150
TC Case Temperature [℃]
Transient Thermal Response Curve
版本:201903A
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com