Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132ARZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8132ARZ-R7
Description  Low Cost, High Speed Differential Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132ARZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8132ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 23Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 24Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 25Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 26Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 27Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 28Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 29Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD8132
Rev. I | Page 26 of 32
APPLICATIONS INFORMATION
ANALOG-TO-DIGITAL DRIVER
Many of the newer high speed ADCs are single supply and have
differential inputs. Thus, the driver for these devices is able to
convert from a single-ended signal to a differential signal and
provide output common-mode level shifting in addition to
having low distortion and noise. The AD8132 conveniently
performs these functions when driving the AD9203, a 10-bit,
40 MSPS ADC.
In Figure 73, a 1 V p-p signal drives the input of an AD8132
configured for unity gain. Both the AD8132 and the AD9203 are
powered from a single 3 V supply. A voltage divider biases VOCM
at midsupply and in turn drives VOUT, cm to half of the supply
voltage. This is within the common-mode range of the AD9203.
Between the ADC and the driver is a 1-pole, differential filter that
helps to filter some of the noise and assists the switched-capacitor
inputs of the ADC. Each of the ADC inputs is driven by a 0.5 V p-p
signal that ranges from 1.25 V dc to 1.75 V dc. Figure 72 is an
FFT plot of the performance of the circuit when running at a
clock rate of 40 MSPS and an input frequency of 2.5 MHz.
10
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
2ND
3RD
4TH
5TH
7TH
8TH
9TH
6TH
fS = 40MHz
fIN = 2.5MHz
INPUT FREQUENCY (MHz)
FUND
Figure 72. FTT Response for AD8132 Driving AD9203
BALANCED CABLE DRIVER
When driving a twisted pair cable, it is desirable to drive only
a pure differential signal onto the line. If the signal is purely
differential (that is, fully balanced), and the transmission line is
twisted and balanced, there is minimum radiation of any signal.
The complementary electrical fields are confined mostly to
the space between the two twisted conductors and does not
significantly radiate out from the cable. The current in the cable
creates magnetic fields that radiate to some degree. However, the
amount of radiation is mitigated by the twists, because for
each twist, the two adjacent twists have an opposite polarity
magnetic field. If the twist pitch is tight enough, these small
magnetic field loops contain most of the magnetic flux, and
the magnetic farfield strength is negligible.
3V
0.1µF
10µF
+
3V
348Ω
0.1µF
348Ω
49.9Ω
348Ω
24.9Ω
10kΩ
10kΩ
1V p-p
348Ω
60.4Ω
60.4Ω
20pF
20pF
AINN
AINP
AVDD
DRVDD
AVSS
DRVSS
AD9203
DIGITAL
OUTPUTS
3V
0.1µF
0.1µF
AD8132
8
2
1
3
5
6
4
25
26
28
27
1
2
Figure 73. AD8132 Driving AD9203, a 10-Bit, 40 MSPS ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com