Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8132ARZ-R7
Description  Low Cost, High Speed Differential Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8132ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Low Cost, High Speed
Differential Amplifier
AD8132
Rev. I
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2000–2009 Analog Devices, Inc. All rights reserved.
FEATURES
High speed
350 MHz, −3 dB bandwidth
1200 V/μs slew rate
Resistor set gain
Internal common-mode feedback
Improved gain and phase balance: −68 dB @ 10 MHz
Separate input to set the common-mode output voltage
Low distortion: −99 dBc SFDR @ 5 MHz, 800 Ω load
Low power: 10.7 mA @ 5 V
Power supply range: +2.7 V to ±5.5 V
Fully AEC-Q100 qualified (AD8132W)
APPLICATIONS
Low power differential ADC drivers
Differential gain and differential filtering
Video line drivers
Differential in/out level shifting
Single-ended input to differential output drivers
Active transformers
Automotive driver assistance
Automotive infotainment
GENERAL DESCRIPTION
The AD8132 is a low cost differential or single-ended input to
differential output amplifier with resistor set gain. The AD8132
is a major advancement over op amps for driving differential input
ADCs or for driving signals over long lines. The AD8132 has a
unique internal feedback feature that provides output gain and
phase matching balanced to −68 dB at 10 MHz, suppressing
harmonics and reducing radiated EMI.
Manufactured using the next-generation of Analog Devices, Inc.,
XFCB bipolar process, the AD8132 has a −3 dB bandwidth of
350 MHz and delivers a differential signal with −99 dBc SFDR
at 5 MHz, despite its low cost. The AD8132 eliminates the need for
a transformer with high performance ADCs, preserving the low
frequency and dc information. The common-mode level of the
differential output is adjustable by applying a voltage on the
VOCM pin, easily level shifting the input signals for driving single-
supply ADCs. Fast overload recovery preserves sampling accuracy.
CONNECTION DIAGRAM
–IN 1
VOCM 2
V+ 3
+OUT 4
+IN
8
NC
7
V–
6
–OUT
5
NC = NO CONNECT
AD8132
Figure 1.
The AD8132 is also used as a differential driver for the trans-
mission of high speed signals over low cost twisted pair or coaxial
cables. The feedback network can be adjusted to boost the high
frequency components of the signal. The AD8132 is used for either
analog or digital video signals or for other high speed data trans-
mission. The AD8132 is capable of driving either a Category 3
or Category 5 twisted pair or coaxial cable with minimal line
attenuation. The AD8132 has considerable cost and performance
improvements over discrete line driver solutions.
Differential signal processing reduces the effects of ground noise
that plagues ground-referenced systems. The AD8132 can be used
for differential signal processing (gain and filtering) throughout a
signal chain, easily simplifying the conversion between differential
and single-ended components.
The AD8132W is the automotive grade version, qualified for
125°C operation per the AEC-Q100. See the Automotive
Products section for more details.
The AD8132 is available in both 8-lead SOIC and 8-lead MSOP
packages for operation over the extended industrial temperature
range of −40°C to +125°C.
FREQUENCY (MHz)
6
1
3
0
–3
–6
–9
–12
10
100
1k
VS = ±5V
G = +1
VO, dm = 2V p-p
RL, dm = 499Ω
Figure 2. Large Signal Frequency Response


Similar Part No. - AD8132ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8132ARZ-R7 AD-AD8132ARZ-R7 Datasheet
441Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. F
AD8132ARZ-R7 AD-AD8132ARZ-R7 Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8132ARZ-R71 AD-AD8132ARZ-R71 Datasheet
621Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8132ARZ-R71 AD-AD8132ARZ-R71 Datasheet
524Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
More results

Similar Description - AD8132ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8131 AD-AD8131 Datasheet
197Kb / 12P
Low-Cost, High-Speed Differential Driver
REV.0
AD8132 AD-AD8132 Datasheet
391Kb / 20P
Low-Cost, High-Speed Differential Amplifier
REV.0
AD518 AD-AD518 Datasheet
127Kb / 2P
LOW-COST HIGH-SPEED, IC OPERATIONAL AMPLIFIER
AD8131 AD-AD8131_05 Datasheet
378Kb / 20P
Low Cost, High Speed Differential Driver
REV. B
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8131 AD-AD8131_15 Datasheet
479Kb / 21P
Low Cost, High Speed Differential Driver
REV. B
AD8132 AD-AD8132_15 Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com