Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8244ARMZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8244ARMZ-R7
Description  Single-Supply, Low Power, Precision FET Input Quad Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8244ARMZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8244ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8244
Data Sheet
APPLICATIONS INFORMATION
ELECTROCARDIOGRAM (ECG)
In an ECG system, mismatches between the source impedance
of different leads, working against the input impedance of the
front-end amplifier, can create unbalanced voltage dividers that
reduce the system CMRR. When presented to a moderately
high input impedance amplifier, the combined impedance of the
skin, electrolyte, electrodes, and the protection resistors can be
enough to cause power line noise pickup, current noise issues, and
signal division. Dry electrode systems, which are becoming
increasingly common and have significantly higher source
impedance, are especially sensitive to these errors. Typically, a high
input impedance, low bias current, FET input op amp is used to
buffer the electrode signal before it is presented to an
instrumentation amplifier. This buffer solves the majority of
these problems; however, when an instrument is in the field, it
can be subject to dust pickup and humidity. If the op amp input
is not guarded, these environmental factors can create unwanted
leakage currents that bring back the aforementioned issues from
insufficient input impedance. The AD8244 pinout is configured to
make it simple to guard the inputs from parasitic resistance and
capacitance while it also drives the instrumentation amplifier
inputs, creating a more robust design, while saving power and
board space. The CMRR of the AD8244 driving an instrumentation
amplifier initially depends on the gain matching for the chosen
supplies and voltage range, as well as the instrumentation
amplifier used, but it can be improved with design techniques
such as right leg drive (RLD) or digital filtering.
FILTERING
In filtering applications, it is generally recommended to use
capacitors such as C0G or NP0 ceramics for distortion and
dielectric absorption performance. These types of capacitors
do not have a high volumetric efficiency and are only available
in values less than a few tens of nanofarads, depending on the
case size and voltage rating. For a given cutoff frequency, using
smaller capacitors requires larger resistor values. At low
frequencies where the resistor values become very large, the bias
current of a typical op amp can introduce significant offsets and
additional noise. The subpicoampere bias current of the
AD8244 allows resistor values in the tens of megaohms with no
additional error while providing an excellent low power, small
footprint solution for filter design. Between the four channels of
the AD8244, a filter with more than eight poles can be
implemented while using less space than the same filter with a
quad op amp.
Sallen-Key Low-Pass Filter
1/4
AD8244
VOUT
C1
2nF
VIN
C2
1nF
R1
R2
NOTES
1. R1 = R2 = R
2. R = 112.5MΩ/fC, Q = 0.707
Figure 42. Sallen-Key Low-Pass Filter
The following equations describe the corner frequency, fC, and
quality factor, Q, for the low-pass filter case of the Sallen-Key
topology, shown in Figure 42:
fC = 1/(2π
C2
C1
R2
R1
×
×
×
)
Q = (
C2
C1
R2
R1
×
×
×
)/(C2 × (R1 + R2))
For an example of a design with this topology, choose a filter
where Q = 0.707 and R1 = R2 = R. This requires that C1 = 2 × C2.
The corner frequency equation can now be simplified to
fC = 1/(2π × R × C2 × √2)
If an available capacitor, such as 1 nF, is chosen for C2, R can be
written in terms of the desired cutoff frequency:
R = 1/(2√2 × π × 1 nF × fC) = 112.5 MΩ/fc (that is,
R = 750 kΩ for fC = 150 Hz)
Sallen-Key High-Pass Filter
1/4
AD8244
VOUT
C1
22nF
VIN
C2
22nF
R1
R2
NOTES
1. R2 = R, R1 = R/2
2. R = 10.2MΩ/fC, Q = 0.707
Figure 43. Sallen-Key High-Pass Filter
The high-pass filter case of the Sallen-Key topology has the
same corner frequency equation as the low-pass filter. However,
the equation for Q changes to
Q = (
C2
C1
R2
R1
×
×
×
)/(R1 × (C1 + C2))
In this case, a Q of 0.707 is achieved with C1 = C2 = C, and 2 ×
R1 = R2 = R, which is a symmetrical result to the low-pass filter
case.
The corner frequency then simplifies to
fC = 1/(√2 × π × R × C)
For a low corner frequency, a larger available capacitor such as
22 nF can be chosen, yielding the following expression for R:
R = 10.2 MΩ/fc (that is, a 0.5 Hz filter requires
R1 = 10 MΩ and R2 = 20 MΩ)
Rev. A | Page 16 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com