Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8244ARMZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8244ARMZ-R7
Description  Single-Supply, Low Power, Precision FET Input Quad Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8244ARMZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8244ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8244ARMZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD8244
Rev. A | Page 17 of 20
Twin-T Notch Filter
1/4
AD8244
VOUT
C
2C
VIN
C
(1 – K) × R'
K × R'
R
R
C = 7500pF
60Hz: R = 357kΩ
50Hz: R = 422kΩ
1/4
AD8244
R/2
Figure 44. Twin-T Notch Filter
The following equations describe the parameters of the Twin-T
notch filter with active feedback shown in Figure 44:
fO = 1/(2πRC)
Q = 0.25/(1 − K)
where K is an attenuation factor from 0 to 1, as shown in Figure 44.
A K of either 0 or 1 can be achieved with only one buffer.
One of the best things about this filter is that fO and Q are
independent, which allows for easy tuning of filter characteristics.
However, designers use the Twin-T notch filter sparingly in
production designs because of its sensitivity to component
tolerances, which affect both the depth and the frequency of the
notch. Reducing the Q is one way to ensure that the desired
frequency has sufficient attenuation independent of component
variance and drift; however, reducing the Q also linearly increases
the distance between the pass bands. The notch depth can be
improved and the stop-band width decreased simultaneously by
cascading multiple filter stages.
To illustrate the benefit of cascading stages, Figure 45 shows the
response of two filters, both designed to provide greater than
26 dB of attenuation at 60 Hz ± 5%, which allows for component
tolerance. The single stage filter requires a Q of 0.5 and results
in a −3 dB notch bandwidth of 120 Hz. The two stage filter has
a Q of 2.25 for each stage, and the −3 dB notch bandwidth is
reduced to about 40 Hz.
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
10
100
1k
FREQUENCY (Hz)
–26dB FROM 57Hz TO 63Hz
SINGLE STAGE NOTCH
TWO STAGE CASCADED NOTCH
Figure 45. Cascading Notch Filters
PHOTODIODE AMPLIFIER
Photodiodes in precision circuits are typically measured in
photovoltaic mode, in which there is no reverse bias voltage.
Two benefits to this measurement mode are that there is no dark
current, and the output is linearly related to the light intensity.
However, in photovoltaic mode, the signal current can be very
small, requiring a high gain transimpedance amplifier (TIA).
There are a limited number of amplifiers suited for building
TIAs for measuring photodiodes or other low current sensors,
which can make it difficult to achieve high performance. Using an
AD8244 as the interface to the photodiode eliminates the need
for a low bias current op amp, allowing optimization of other
parameters, such as precision, slew rate, output drive, board
space, and cost. As with any composite amplifier, it is important
to pay special attention to stability. The unity-gain crossover
frequency of the op amp must be less than the AD8244 bandwidth
for this configuration to be unity-gain stable. The noise gain of
the op amp varies with the shunt resistance of the diode, which
is temperature dependent.
1/4
AD8244
VOUT
CF
RF
IPHD
GUARD
A1
Figure 46. AD8244 in a Photodiode Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com