Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481 Datasheet(PDF) 8 Page - Analog Devices

Part # OP481
Description  22 μA, RRIO, CMOS, 18 V Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP481 Datasheet HTML 4Page - Analog Devices OP481 Datasheet HTML 5Page - Analog Devices OP481 Datasheet HTML 6Page - Analog Devices OP481 Datasheet HTML 7Page - Analog Devices OP481 Datasheet HTML 8Page - Analog Devices OP481 Datasheet HTML 9Page - Analog Devices OP481 Datasheet HTML 10Page - Analog Devices OP481 Datasheet HTML 11Page - Analog Devices OP481 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8546/AD8548
Data Sheet
Rev. C | Page 8 of 24
–6
–4
–2
0
2
4
6
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
VCM (V)
VSY = 2.7V
–40°C ≤ TA ≤ +125°C
Figure 9. Input Offset Voltage vs. Common-Mode Voltage
0.1
1
10
100
1000
10000
25
50
75
100
125
TEMPERATURE (°C)
| IB+ |
| IB– |
VSY = 2.7V
Figure 10. Input Bias Current vs. Temperature
–4
–3
–2
–1
0
1
2
3
4
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
VCM (V)
25°C
85°C
125°C
VSY = 2.7V
Figure 11. Input Bias Current vs. Common-Mode Voltage
–6
–4
–2
0
2
4
6
0
3
6
9
12
15
18
VCM (V)
VSY = 18V
–40°C ≤ TA ≤ +125°C
Figure 12. Input Offset Voltage vs. Common-Mode Voltage
0.1
1
10
100
1000
10000
25
50
75
100
125
TEMPERATURE (°C)
VSY = 18V
| IB+ |
| IB– |
Figure 13. Input Bias Current vs. Temperature
0
2
4
6
8
10
12
14
16
18
VCM (V)
25°C
85°C
125°C
VSY = 18V
–4
–3
–2
–1
0
1
2
3
4
Figure 14. Input Bias Current vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com