Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481 Datasheet(PDF) 2 Page - Analog Devices

Part # OP481
Description  22 μA, RRIO, CMOS, 18 V Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 2 Page - Analog Devices

  OP481 Datasheet HTML 1Page - Analog Devices OP481 Datasheet HTML 2Page - Analog Devices OP481 Datasheet HTML 3Page - Analog Devices OP481 Datasheet HTML 4Page - Analog Devices OP481 Datasheet HTML 5Page - Analog Devices OP481 Datasheet HTML 6Page - Analog Devices OP481 Datasheet HTML 7Page - Analog Devices OP481 Datasheet HTML 8Page - Analog Devices OP481 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8546/AD8548
Data Sheet
Rev. C | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Configurations ........................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—18 V Operation ............................. 3
Electrical Characteristics—10 V Operation ............................. 4
Electrical Characteristics—2.7 V Operation ............................ 5
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Typical Performance Characteristics ..............................................7
Applications Information .............................................................. 17
Input Stage................................................................................... 17
Output Stage................................................................................ 18
Rail-to-Rail Input and Output.................................................. 18
Resistive Load ............................................................................. 18
Comparator Operation.............................................................. 19
EMI Rejection Ratio .................................................................. 20
4 mA to 20 mA Process Control Current Loop Transmitter ...20
Outline Dimensions ....................................................................... 21
Ordering Guide .......................................................................... 21
REVISION HISTORY
9/12—Rev. B to Rev. C
Changes to Features Section, General Description Section, and
Table 1 ................................................................................................ 1
Changes to Table 2............................................................................ 3
Changes to Table 3............................................................................ 4
Changes to Table 4............................................................................ 5
Added EMI Rejection Ration Section.......................................... 20
4/12—Rev. A to Rev. B
Added AD8548 and 14-Lead SOIC..................................Universal
Changes to Product Title, Features Section, General
Description Section, and Table 1.................................................... 1
Added Figure 2; Renumbered Figures Sequentially..................... 1
Moved Electrical Characteristics—18 V Operation Section ...... 3
Changes to Table 2............................................................................ 3
Changes to Table 3............................................................................ 4
Moved Electrical Characteristics—2.7 V Operation Section ..... 5
Changes to Table 4.............................................................................5
Changes to Table 6.............................................................................6
Changes to Figure 4, Figure 5, Figure 7, and Figure 8 ..................7
Deleted Figure 8 and Figure 11........................................................8
Changes to Figure 9, Figure 10, Figure 12, and Figure 13............8
Changes to Figure 22 and Figure 25............................................. 10
Changes to Figure 33...................................................................... 12
Changes to Figure 63 and Figure 64............................................. 18
Updated Outline Dimensions....................................................... 21
Added Figure 72 ............................................................................. 21
Changes to Ordering Guide .......................................................... 21
4/11—Rev. 0 to Rev. A
Changes to Product Title, Features Section, Applications
Section, General Description Section, and Table 1.......................1
1/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com