Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40170CG Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPS40170CG
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40170CG Datasheet(HTML) 7 Page - STMicroelectronics

  STPS40170CG Datasheet HTML 1Page - STMicroelectronics STPS40170CG Datasheet HTML 2Page - STMicroelectronics STPS40170CG Datasheet HTML 3Page - STMicroelectronics STPS40170CG Datasheet HTML 4Page - STMicroelectronics STPS40170CG Datasheet HTML 5Page - STMicroelectronics STPS40170CG Datasheet HTML 6Page - STMicroelectronics STPS40170CG Datasheet HTML 7Page - STMicroelectronics STPS40170CG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STPS40170C
7/8
Figure 15: TO-220AB Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.
A
C
D
L7
Dia
L5
L6
L9
L4
F
H2
G
G1
L2
F2
F1
E
M
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
F2
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.4 typ.
0.645 typ.
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam.
3.75
3.85
0.147
0.151
Table 6: Ordering Information
■ Epoxy meets UL94, V0
■ Cooling method: by conduction (C)
■ TO-220 - Recommended torque value: 0.55 Nm, Maximum torque value: 0.7 Nm.
■ TO-247 - Recommended torque value: 0.8 Nm, Maximum torque value: 1.0 Nm.
Ordering type
Marking
Package
Weight
Base qty
Delivery
mode
STPS40170CT
STPS40170CT
TO-220AB
2.20 g
50
Tube
STPS40170CG
STPS40170CG
D2PAK
1.48 g
50
Tube
STPS40170CG-TR
STPS40170CG
1000
Tape & reel
STPS40170CW
STPS40170CW
TO-247
4.4 g
30
Tube
Table 7: Revision History
Date
Revision
Description of Changes
16-Sep-2005
1
First issue.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com