Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40170CG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS40170CG
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40170CG Datasheet(HTML) 1 Page - STMicroelectronics

  STPS40170CG Datasheet HTML 1Page - STMicroelectronics STPS40170CG Datasheet HTML 2Page - STMicroelectronics STPS40170CG Datasheet HTML 3Page - STMicroelectronics STPS40170CG Datasheet HTML 4Page - STMicroelectronics STPS40170CG Datasheet HTML 5Page - STMicroelectronics STPS40170CG Datasheet HTML 6Page - STMicroelectronics STPS40170CG Datasheet HTML 7Page - STMicroelectronics STPS40170CG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
1/8
Table 1: Main Product Characteristics
IF(AV)
2 x 20 A
VRRM
170 V
Tj
175 °C
VF(max)
0.75 V
STPS40170C
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
REV. 1
K
A1
A2
A1
K
K
A2
TO-220AB
STPS40170CT
A1
K
A2
D2PAK
STPS40170CG
A1
K
A2
TO-247
STPS40170CW
September 2005
FEATURES AND BENEFITS
■ High junction temperature capability
■ Low leakage current
■ Good trade off between leakage current and
forward voltage drop
■ Low thermal resistance
■ High frequency operation
■ Avalanche specification
DESCRIPTION
Dual center tab Schottky rectifier suited for High
Frequency Switched Mode Power Supplies.
Packaged in TO-220AB, D2PAK and TO-247,
these devices are intended for use to enhance the
reliability of the application.
Table 2: Order Codes
Part Numbers
Marking
STPS40170CT
STPS40170CT
STPS40170CG
STPS40170CG
STPS40170CG-TR
STPS40170CG
STPS40170CW
STPS40170CW


Similar Part No. - STPS40170CG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STPS40170CG ISC-STPS40170CG Datasheet
274Kb / 2P
Schottky Barrier Rectifier
logo
STMicroelectronics
STPS40170CG-TR STMICROELECTRONICS-STPS40170CG-TR Datasheet
580Kb / 15P
170 V power Schottky rectifier
01-Jun-2018
STPS40170CGY-TR STMICROELECTRONICS-STPS40170CGY-TR Datasheet
111Kb / 8P
Automotive high voltage power Schottky rectifier
03-Nov-2011
STPS40170CGY-TR STMICROELECTRONICS-STPS40170CGY-TR Datasheet
238Kb / 9P
Automotive high voltage power Schottky rectifier
Rev 2 - April 2018
More results

Similar Description - STPS40170CG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com