Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS32KHZ/DIP Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS32KHZ/DIP
Description  32.768kHz Temperature-Compensated Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS32KHZ/DIP Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS32KHZ/DIP Datasheet HTML 1Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 2Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 3Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 4Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 5Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 6Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 7Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DS32kHz
2 of 8
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground………………………………………………………………-3.0V to +7.0V
Operating Temperature Range (Noncondensing)
Commercial:…………………………………………………………………………………………………..0°C to +70°C
Industrial:……………………………………………………………………………………………………-40°C to +85°C
Storage Temperature Range………………………………………………………………………………….-40°C to +85°C
Soldering Temperature (BGA, SO)……………………….See the Handling, PC Board Layout, and Assembly section.
Soldering Temperature, Leads (DIP)……………………………………………………..+260°C for 10 seconds (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Voltage
VCC
(Note 2)
4.5
5.0
5.5
V
Battery Voltage
VBAT
(Notes 2, 3)
2.7
3.0
3.5,
5.5
V
DC ELECTRICAL CHARACTERISTICS
(Over the operating range, unless otherwise specified.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Active Supply Current
ICC
VBAT = 0V or
2.7V ≤ VBAT ≤ 3.5V
(Notes 3, 4)
150
220
μA
Battery Input-Leakage Current
IBATLKG
VCC MIN ≤ VCC ≤ VCC MAX
-50
+50
nA
High Output Voltage (VCC)
VOH
IOH = -1.0mA (Note 2)
2.4
V
Low Output Voltage
VOL
IOL = 2.1mA (Note 2)
0.4
V
High Output Voltage (VBAT)
VOH
IOH = -0.1mA (Note 2)
2.4
V
Battery Switch Voltage
VSW
(Note 2)
VBAT
V
(VCC = 0V, TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Active Battery Current
IBAT
VBAT = 3.3V (Notes 4, 5, 6)
1
4
μA
Battery Current During
Temperature Measurement
IBATCNV
VBAT = 3.3V (Notes 4, 5, 7)
450
μA
Note 1:
Limits at -40°C are guaranteed by design and are not production tested.
Note 2:
All voltages are referenced to ground.
Note 3:
VBAT must be no greater than 3.5V when the device is used in the dual-supply operating modes.
Note 4:
Typical values are at +25°C and 5.0V VCC, 3.0 VBAT, unless otherwise indicated.
Note 5:
These parameters are measured under no output load conditions.
Note 6:
This current is the active-mode current sourced from the backup supply/battery.
Note 7:
A temperature conversion lasts 122ms (typ) and occurs on power-up and then once every 64 seconds.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com