Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS32KHZ/DIP Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS32KHZ/DIP
Description  32.768kHz Temperature-Compensated Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS32KHZ/DIP Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS32KHZ/DIP Datasheet HTML 1Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 2Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 3Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 4Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 5Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 6Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 7Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS32kHz
3 of 8
AC TIMING CHARACTERISTICS
(Over the operating range, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
fOUT
32.768
kHz
0°C to +40°C
-2.0
+2.0
Frequency Stability vs.
Temperature
∆f/fO
-40°C to +85°C or
0°C to +70°C
-7.5
+7.5
ppm
Duty Cycle
tW/t
45
50
55
%
Cycle Time
tCYC
(Note 8)
30.518
μs
High/Low Time
tH/tL
(Note 8)
15.06
μs
Rise Time
tR
(Note 8)
200
ns
Fall Time
tF
(Note 8)
60
ns
Oscillator Startup Time
tOSC
(Note 8)
1
seconds
Frequency Stability vs.
Operating Voltage
∆f/V
VCC = 5.0V or
VBAT = 3.0V, VCC = 0V
(Notes 4, 9)
+2.5
ppm/V
Crystal Aging (First Year)
∆f/fO
(Notes 4, 10)
±1.0
ppm
Note 8:
These parameters are measured using a 15pF load.
Note 9:
Error is measured from the nominal supply voltage of whichever supply is powering the device.
Note 10:
After reflow.
Figure 1. DS32kHz Output Waveform



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com