Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8772 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8772
Description  Triple 8-bit video digital-to-analog converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8772 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8772 Datasheet HTML 4Page - NXP Semiconductors TDA8772 Datasheet HTML 5Page - NXP Semiconductors TDA8772 Datasheet HTML 6Page - NXP Semiconductors TDA8772 Datasheet HTML 7Page - NXP Semiconductors TDA8772 Datasheet HTML 8Page - NXP Semiconductors TDA8772 Datasheet HTML 9Page - NXP Semiconductors TDA8772 Datasheet HTML 10Page - NXP Semiconductors TDA8772 Datasheet HTML 11Page - NXP Semiconductors TDA8772 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Mar 06
8
Philips Semiconductors
Product specification
Triple 8-bit video digital-to-analog
converter
TDA8772
Notes
1. Minimum and maximum data of current and power consumption are measured in worse case conditions: for
minimum data, all digital inputs are at logic level 0 while for maximum data, all digital inputs are at logic level 1.
2. VOUT is directly proportional to Vref.
Voltage reference (pin 34, referenced to VSSA)
Vref
output reference voltage
1.180
1.242
1.305
V
Outputs
OUTB, OUTR, OUTG ANALOG OUTPUTS (PINS 36, 44 AND 40, REFERENCED TO VSSA)RL =75 Ω; SEE TABLES 1 AND 2
FSR
full-scale output voltage range
0.9
1.0
1.1
V
Vos
offset of analog voltage output
0.75
0.83
0.95
V
VOUTmax
maximum output voltage
data inputs = logic 1;
note 2
1.65
1.83
2.05
V
VOUTmin
minimum output voltage
data inputs = logic 0;
note 2
0.75
0.83
0.95
V
THD
total harmonic distortion
fi = 4.43 MHz;
fclk =35MHz
−−45
−
dB
fi = 4.43 MHz;
fclk =85MHz
−−43
−
dB
ZL
output load impedance
60
75
90
Ω
Transfer function
INL
integral non-linearity
fclk = 35 MHz; ramp input −±0.5
±1
LSB
fclk = 85 MHz; ramp input −±0.75
±1.2
LSB
DNL
differential non-linearity
fclk = 35 MHz; ramp input −±0.25
±0.5
LSB
fclk = 85 MHz; ramp input -
±0.5
±0.75
LSB
αCT
crosstalk DAC to DAC
−45
−−
dB
m
DAC to DAC matching
−
1.0
2.0
%
Switching characteristics (RL =75 Ω); see Fig.4
td
input to 50% output delay time
full-scale change
−
10
−
ns
ts1
settling time
10% to 90% full-scale
change
−
6
−
ns
ts2
settling time
to
±1 LSB
−
30
−
ns
Output transients (glitches)
Vg
area for 1 LSB change
−
1
−
LSB.ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com