Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8772 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8772
Description  Triple 8-bit video digital-to-analog converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8772 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8772 Datasheet HTML 9Page - NXP Semiconductors TDA8772 Datasheet HTML 10Page - NXP Semiconductors TDA8772 Datasheet HTML 11Page - NXP Semiconductors TDA8772 Datasheet HTML 12Page - NXP Semiconductors TDA8772 Datasheet HTML 13Page - NXP Semiconductors TDA8772 Datasheet HTML 14Page - NXP Semiconductors TDA8772 Datasheet HTML 15Page - NXP Semiconductors TDA8772 Datasheet HTML 16Page - NXP Semiconductors TDA8772 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Mar 06
13
Philips Semiconductors
Product specification
Triple 8-bit video digital-to-analog
converter
TDA8772
Fig.7 Example of anti-aliasing filter for 1 V output swing.
handbook, full pagewidth
MSA692 - 1
220 pF
1.5 nF
220 pF
75
Ω
12 pF
12 pF
1
µH1 µH
analog video output
(R,G or B)
1 V (p-p)
Ω
25
OUTR (pin 44)
and OUTG (pin 40)
and OUTB (pin 36)
TDA8772
analog ground
Fig.8 Frequency response for filter shown in Fig.7.
handbook, halfpage
0
36
108
0
50
150
200
100
MSA691
72
f (MHz)
α
(dB)
Characteristics of Fig.8
• Order 5; adapted CHEBYSHEV
• Ripple ρ≥ 0.6 dB
• Frequency at −3 dB = 6.5 MHz
• fNOTCH = 46 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com