Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ128GP310 Datasheet(PDF) 5 Page - Microchip Technology

Part # DSPIC33FJ128GP310
Description  Silicon Errata
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ128GP310 Datasheet(HTML) 5 Page - Microchip Technology

  DSPIC33FJ128GP310 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2006 Microchip Technology Inc.
DS80279B-page 5
dsPIC33F
5.
Module: DISI Instruction
When a user executes a DISI #7, for example,
this will disable interrupts for 7 + 1 cycles (7 + the
DISI
instruction itself). In this case, the DISI
instruction uses a counter which counts down from
7 to 0. The counter is loaded with 7 at the end of
the DISI instruction.
If the user code executes another DISI on the
instruction cycle where the DISI counter has
become zero, the new DISI count is loaded, but
the DISI state machine does not properly re-
engage and continue to disable interrupts. At this
point, all interrupts are enabled. The next time the
user code executes a DISI instruction, the feature
will act normally and block interrupts.
In summary, it is only when a DISI execution is
coincident with the current DISI count = 0, that the
issue occurs. Executing a DISI instruction before
the DISI counter reaches zero will not produce
this error. In this case, the DISI counter is loaded
with the new value, and interrupts remain disabled
until the counter becomes zero.
Work around
When executing multiple DISI instructions within
the source code, make sure that subsequent DISI
instructions have at least one instruction cycle
between the time that the DISI counter decre-
ments to zero and the next DISI instruction. Alter-
natively,
make
sure
that
subsequent
DISI
instructions are called before the DISI counter
decrements to zero.
6.
Module: Motor Control PWM
Devices in the motor control family have a glitch in
the PWMxL signal under certain conditions. The
glitch is a brief high pulse during the low portion of
the duty cycle. This error occurs when the module
is configured in Single-Shot mode (PTMOD<1:0>
= 01) with complementary output. It also occurs
when resuming from a Fault condition in
Free-Running mode (PTMOD<1:0) = 00) with
complementary output.
Work around
None.
7.
Module: Output Compare Module
A glitch will be produced on an output compare pin
under the following conditions:
• The user software initially drives the I/O pin
high using the output compare module or a
write to the associated PORT register.
• The output compare module is configured and
enabled to drive the pin low at some later time
(OCxCON = 0x0002 or OCxCON = 0x0003).
When these events occur, the output compare
module will drive the pin low for one instruction
cycle (TCY) after the module is enabled.
Work around
None. However, the user may use a timer interrupt
and write to the associated PORT register to
control the pin manually.
8.
Module: Output Compare Module in PWM
Mode
The output compare module will miss a compare
event when the current duty cycle register
(OCxRS) value is 0x0000 (0% duty cycle) and the
OCxRS register is updated with a value of 0x0001.
The compare event is missed only the first time a
value of 0x0001 is written to OCxRS, and the
PWM output remains low for one PWM period.
Subsequent PWM high and low times occur as
expected.
Work around
None. If the current OCxRS register value is
0x0000, avoid writing a value of 0x0001 to
OCxRS. Instead, write a value of 0x0002; how-
ever, in this case the duty cycle will be slightly
different from the desired value.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com