Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ128GP310 Datasheet(PDF) 1 Page - Microchip Technology

Part # DSPIC33FJ128GP310
Description  Silicon Errata
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ128GP310 Datasheet(HTML) 1 Page - Microchip Technology

  DSPIC33FJ128GP310 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2006 Microchip Technology Inc.
DS80279B-page 1
dsPIC33FJXXXGPXXX/
dsPIC33FJXXXMCXXX
dsPIC33FJXXXGPXXX,
dsPIC33FJXXXMCXXX
(Rev. A2) Silicon Errata
The dsPIC33F devices (Rev. A2) you received were
found to conform to the specifications and functionality
described in the following documents:
• DS70165 – “dsPIC33F Family Data Sheet”
• DS70157 – “dsPIC30F/33F Programmer’s
Reference Manual”
• DS70046 – “dsPIC30F Family Reference Manual”
The exceptions to the specifications in the documents
listed above are described in this section. The specific
devices for which these exceptions are described are
listed below:
• dsPIC33FJ64GP206
• dsPIC33FJ64GP306
• dsPIC33FJ64GP310
• dsPIC33FJ64GP706
• dsPIC33FJ64GP708
• dsPIC33FJ64GP710
• dsPIC33FJ128GP206
• dsPIC33FJ128GP306
• dsPIC33FJ128GP310
• dsPIC33FJ128GP706
• dsPIC33FJ128GP708
• dsPIC33FJ128GP710
• dsPIC33FJ256GP506
• dsPIC33FJ256GP510
• dsPIC33FJ256GP710
• dsPIC33FJ64MC506
• dsPIC33FJ64MC508
• dsPIC33FJ64MC510
• dsPIC33FJ64MC706
• dsPIC33FJ64MC710
• dsPIC33FJ128MC506
• dsPIC33FJ128MC510
• dsPIC33FJ128MC706
• dsPIC33FJ128MC708
• dsPIC33FJ128MC710
• dsPIC33FJ256MC510
• dsPIC33FJ256MC710
dsPIC33F Rev. A2 silicon is identified by performing a
“Reset and Connect” operation to the device using
MPLAB® ICD 2 with MPLAB IDE v7.40 or later. The
output window will show a successful connection to the
device specified in Configure>Select Device.
The errata described in this section will be addressed
in future revisions of silicon.
Silicon Errata Summary
The following list summarizes the errata described in
further detail through the remainder of this document:
1.
Doze Mode
When Doze mode is enabled, any writes to a
peripheral SFR can cause other updates to that
register to cease to function for the duration of the
current CPU clock cycle.
2.
12-bit Analog-to-Digital Converter (ADC) Module
For this revision of silicon, the 12-bit ADC module
INL, DNL and signal acquisition time parameters
are not within the published data sheet
specifications.
3.
10-bit ADC Module
For this revision of silicon, the 10-bit ADC module
DNL, conversion speed and signal acquisition time
parameters are not within the published data sheet
specifications.
4.
DMA Module: Interaction with EXCH Instruction
The EXCH instruction does not execute correctly
when one of the operands contains a value equal
to the address of the DMAC SFRs.
5.
DISI
Instruction
The DISI instruction will not disable interrupts if a
DISI
instruction is executed in the same instruc-
tion cycle that the DISI counter decrements to
zero.
6.
Motor Control PWM
There is a glitch in the PWMxL signal in Single-
Shot mode with complementary output. Another
glitch occurs when resuming from a Fault condition
in Free-Running mode with complementary
output.
dsPIC33F Rev. A2 Silicon Errata


Similar Part No. - DSPIC33FJ128GP310

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ128GP310 MICROCHIP-DSPIC33FJ128GP310 Datasheet
988Kb / 80P
Flash Programming Specification
2007
DSPIC33FJ128GP310 MICROCHIP-DSPIC33FJ128GP310 Datasheet
4Mb / 322P
High-Performance 16-Bit Digital Signal Controllers
02/04/09
DSPIC33FJ128GP310 MICROCHIP-DSPIC33FJ128GP310 Datasheet
4Mb / 322P
High-Performance,16-Bit Digital Signal Controllers
02/04/09
DSPIC33FJ128GP310 MICROCHIP-DSPIC33FJ128GP310 Datasheet
4Mb / 322P
High-Performance, 16-Bit Digital Signal Controllers
02/04/09
dsPIC33FJ128GP310A MICROCHIP-dsPIC33FJ128GP310A Datasheet
2Mb / 362P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
More results

Similar Description - DSPIC33FJ128GP310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP53C391 TI-MSP53C391 Datasheet
24Kb / 2P
ERRATA
logo
Microchip Technology
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
Silicon Errata Sheet
1998 - 1999
DSPIC33FJXXXGPXXX MICROCHIP-DSPIC33FJXXXGPXXX Datasheet
164Kb / 6P
Silicon Errata
2006
DSPIC33FJ12GP201 MICROCHIP-DSPIC33FJ12GP201 Datasheet
269Kb / 6P
Silicon Errata
2007
PIC16F62X MICROCHIP-PIC16F62X_02 Datasheet
282Kb / 20P
Silicon/Data Sheet Errata
2002
PIC16C717 MICROCHIP-PIC16C717_02 Datasheet
81Kb / 6P
C Silicon/Data Sheet Errata
2002
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010 Datasheet
357Kb / 10P
PIC24FJ128GA010 Family Rev. A4 Silicon Errata
2007
logo
Texas Instruments
TMS320F28335_1104 TI-TMS320F28335_1104 Datasheet
188Kb / 18P
Silicon Errata
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A_15 Datasheet
29Kb / 1P
Errata
500102D MA-COM-500102D_15 Datasheet
22Kb / 2P
Errata
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com